Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2000 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PT2000
Description  Programmable solenoid controller
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PT2000 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PT2000 Datasheet HTML 17Page - NXP Semiconductors PT2000 Datasheet HTML 18Page - NXP Semiconductors PT2000 Datasheet HTML 19Page - NXP Semiconductors PT2000 Datasheet HTML 20Page - NXP Semiconductors PT2000 Datasheet HTML 21Page - NXP Semiconductors PT2000 Datasheet HTML 22Page - NXP Semiconductors PT2000 Datasheet HTML 23Page - NXP Semiconductors PT2000 Datasheet HTML 24Page - NXP Semiconductors PT2000 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 148 page
background image
21
NXP Semiconductors
PT2000
High-side VDS/SRC monitor (continued)
VDS_HS_TH (0000)
High-side VDS threshold (0000)
-0.03
0.0
0.03
V
VDS_HS_TH (1001)
High-side VDS threshold (1001)
0.07
0.10
0.13
V
VDS_HS_TH (1010)
High-side VDS threshold (1010)
0.155
0.2
0.245
V
VDS_HS_TH (1011)
High-side VDS threshold (1011)
0.25
0.3
0.35
V
VDS_HS_TH (1100)
High-side VDS threshold (1100)
0.345
0.4
0.455
V
VDS_HS_TH (0001)
High-side VDS threshold (0001)
0.44
0.5
0.56
V
VDS_HS_TH (0010)
High-side VDS threshold (0010)
0.9
1.0
1.1
V
VDS_HS_TH (0011)
High-side VDS threshold (0011)
1.35
1.5
1.65
V
VDS_HS_TH (0100)
High-side VDS threshold (0100)
1.8
2.0
2.2
V
VDS_HS_TH (0101)
High-side VDS threshold (0101)
2.29
2.45
2.61
V
VDS_HS_TH (0110)
High-side VDS threshold (0110)
2.76
2.95
3.14
V
VDS_HS_TH (0111)
High-side VDS threshold (0111)
•VVBATT_VDS = 5.5 V to 72 V, VVBOOST_VDS = 5.5 V to 72 V
•VVBATT_VDS = 5.0 V to 5.5 V, VVBOOST_VDS = 5.0 V to 5.5 V
3.23
3.00
3.45
3.45
3.67
3.67
V
tTH_HSVDS
High-side VDS/SRC threshold settling time
—
0.4
1.0
μs
VSRC_HS_TH (0000) High-side VSRC threshold (0000)
-0.03
0.0
0.03
V
VSRC_HS_TH (1001) High-side VSRC threshold (1001)
0.07
0.10
0.13
V
VSRC_HS_TH (1010) High-side VSRC threshold (1010)
0.155
0.2
0.245
V
VSRC_HS_TH (1011) High-side VSRC threshold (1011)
0.25
0.3
0.35
V
VSRC_HS_TH (1100) High-side VSRC threshold (1100)
0.345
0.4
0.455
V
VSRC_HS_TH (0001) High-side VSRC threshold (0001)
0.44
0.5
0.56
V
VSRC_HS_TH (0010) High-side VSRC threshold (0010)
0.9
1.0
1.1
V
VSRC_HS_TH (0011) High-side VSRC threshold (0011)
1.35
1.5
1.65
V
VSRC_HS_TH (0100) High-side VSRC threshold (0100)
1.8
2.0
2.2
V
VSRC_HS_TH (0101) High-side VSRC threshold (0101)
2.38
2.55
2.72
V
VSRC_HS_TH (0110) High-side VSRC threshold (0110)
2.85
3.0
3.15
V
VSRC_HS_TH (0111) High-side VSRC threshold (0111)
3.33
3.5
3.68
V
Table 9. High-side VDS/SRC monitor electrical characteristics (continued)
Characteristics noted under conditions -40 ºC < TA < +125 ºC, referenced to ground, unless otherwise noted. Typical values noted reflect
the approximate parameter means at TA = 25 °C under nominal conditions, unless otherwise noted.
Symbol
Characteristic
Min.
Typ.
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com