Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2000 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # PT2000
Description  Programmable solenoid controller
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PT2000 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button PT2000 Datasheet HTML 35Page - NXP Semiconductors PT2000 Datasheet HTML 36Page - NXP Semiconductors PT2000 Datasheet HTML 37Page - NXP Semiconductors PT2000 Datasheet HTML 38Page - NXP Semiconductors PT2000 Datasheet HTML 39Page - NXP Semiconductors PT2000 Datasheet HTML 40Page - NXP Semiconductors PT2000 Datasheet HTML 41Page - NXP Semiconductors PT2000 Datasheet HTML 42Page - NXP Semiconductors PT2000 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 148 page
background image
39
NXP Semiconductors
PT2000
6.3
High-side pre-driver
The PT2000 provides seven independent high-side pre-drivers designed to drive the gate of external high-side configuration N-channel
logic level MOSFETs. These pre-drivers are dedicated to load driving like injectors or solenoids, and integrate diagnostics features.
Internal to the device is a gate to source pull-down resistor holding the external MOSFETs in the off state while the device is in a power
on reset state (RSTB low). The external FET can be connected to either VBATT or a higher voltage VBOOST, limitation in the diagnostics
is described in the next chapter, only HS2, 4, and 6 can use VBOOST voltage for diagnostics.
The high-side pre-drivers are supplied by an external bootstrap capacitor connected between the S_HSX and B_HSX pins. The driver
slew rate can be selected individually for each of the seven drivers, among a set of four value pairs by the SPI registers (refer to Table 99,
Hs_slewrate (171h)).
Figure 9. High-side pre-driver block diagram
The high-side pre-driver is intended to drive the gate of an external logic level MOSFET in a high-side configuration. The logic command,
hsx_command, to switch the external MOSFET, is provided by the microcores. This command is generated for taking into account the
following signals:
• Logic command coming from channel logic (hsx_in)
• VCCP undervoltage signals (uv_vccp) from VCCP UV monitor: in case of an undervoltage, the external MOSFET is switched off
• VCC5 undervoltage signals (uv_vcc5) from VCC5 UV monitor: in case of an undervoltage, the external MOSFET is switched off
• VBOOST undervoltage signals (uv_vboost) from boost voltage monitor: in case of an undervoltage, the external MOSFET is
switched off if this feature is enabled (refer to Table 162, driver_status (1B2h)
• Signal cksys_drven coming from the clock monitoring: in case of a missing clock (PLL not locked), the external MOSFET is switched
off. This function is disabled by default and can be enabled by setting the cksys_missing_disable_driver bit high (refer to Table 152,
backup_clock_status (1A8h))
• At the high-side pre-driver block signal, DrvEn is added to the control signal for the driver. As long as the DrvEn signal is negated
(low), the high-side pre-driver is switched off. The high-side pre-driver 5 and 7 include a feature to override the switch off path via
the DrvEn signal. As long as the signal hsx_en_ovr is high (only for HS5 and HS7), the pre-driver is not influenced by DrvEn. (refer
to Table 178, HSx_output_config (1DA, 1DDh, 1E0h, 1E3h, 1E6h, 1E9h))
Charge
Pump
LDO
Load
AGND
DRVEN
D_LSx
G_LSx
VBOOST/VBAT
B_HSx
G_HSx
S_HSx
VCC5
VBOOST
VCCP
VBAT
uv_vcc5
uv_vccp
uv_vboost
cksys_drven
hsx_in
hsx_slewrate
hsx_command
hsx_drven
hs5/7_en_ovr
MC33PT2000
PGND
hs1/2/3/4/6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com