Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2000 Datasheet(PDF) 90 Page - NXP Semiconductors

Part # PT2000
Description  Programmable solenoid controller
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PT2000 Datasheet(HTML) 90 Page - NXP Semiconductors

Back Button PT2000 Datasheet HTML 86Page - NXP Semiconductors PT2000 Datasheet HTML 87Page - NXP Semiconductors PT2000 Datasheet HTML 88Page - NXP Semiconductors PT2000 Datasheet HTML 89Page - NXP Semiconductors PT2000 Datasheet HTML 90Page - NXP Semiconductors PT2000 Datasheet HTML 91Page - NXP Semiconductors PT2000 Datasheet HTML 92Page - NXP Semiconductors PT2000 Datasheet HTML 93Page - NXP Semiconductors PT2000 Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 148 page
background image
NXP Semiconductors
90
PT2000
8.3.2
Configuration register
8.3.2.1
Flash_enable register
This is a 6 bit configuration register which includes the following parameters:
• Checksum_disable. If set, this bit disables the effects of a failed checksum, so microcore execution is not stopped
• Pre_flash_enable. This bit “freezes” the CRAM so the micro-controller cannot further modify the configuration code unless a specific
unlock code is written into register unlock_reg. It enables the signature_unit (See Signature unit on page 72)
• Flash_enable. This bit enables the microcores. It can only be set by the signature_unit after a successful checksum calculation
• En_dual_microcore. This bit is used to enable the dual microcore mode. Note that when using dual microcore ck_per (refer to
Table 136, Clock_Prescaler (1A0h)) set to lower than three, there are some limitations regarding C/DRAM access.
• Checksum_irq_en. If this bit is '1', an interrupt on the_irq_device pin is done in case a CRAM corruption detected
• Checksum_failure. This bit sets to '1' when a mismatch is found between the calculated checksum and the checksum code stored in
the appropriate registers (refer to Table 66, checksum_h (108h, 128h, 148h) and Table 67, checksum_l (109h, 129h, 149h)). This bit
sets when a checksum calculation fails, even if the checksum is disabled. This bit resets each time the pre_flash_enable bit sets to '1'
to lock the memory.
8.3.2.2
Control register microcore0
• Control_register: these 8 bits can be used to control the execution of the micro-program of uc0, providing control bits which can be read
by the micro-program. For instance one bit could be used to enable/disable recharge pulses on the channel or to re-enable the actuation
after an error condition has been detected.
• Control_register_shared: according to a configuration bit stored in the “control_register_split” register (refer to Table 77,
Dac_rxtx_cr_config (112h, 132h, 152h)), these 8 bits can be used either as control (like the other 8 bits) or like status (like the status
register, refer to Table 63, status_reg_uc0 (105h, 125h, 145h)and Table 64, status_reg_uc1 (106h, 126h, 146h)). In this case, they can
only be read through the SPI, while they can be set by the “set control register bit” instruction.
Table 58. Flash_enable (100h, 120h, 140h)
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Reserved
checksum
_disable
flash_en
able
pre
flash_en
able
en_dual_
uc
Reserved
chksum_irq
_en
chksum_f
ailure
R/W
-
r/w
r
r/w
r/w
-
r/w
r
Lock
-
yes, by
pre flash
enable
-
yes, by
itself
yes, by
pre flash
enable
-
yes
-
Reset
000000000
0
0
0
0
0
0
0
Table 59. Ctrl_reg_uc0 (101h, 121h, 141h)
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Control_register_Shared
Control_register
R/W
configurable r or r/w
r/w
Lock
no
no
Reset
00000000
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com