Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2000 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # PT2000
Description  Programmable solenoid controller
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PT2000 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button PT2000 Datasheet HTML 36Page - NXP Semiconductors PT2000 Datasheet HTML 37Page - NXP Semiconductors PT2000 Datasheet HTML 38Page - NXP Semiconductors PT2000 Datasheet HTML 39Page - NXP Semiconductors PT2000 Datasheet HTML 40Page - NXP Semiconductors PT2000 Datasheet HTML 41Page - NXP Semiconductors PT2000 Datasheet HTML 42Page - NXP Semiconductors PT2000 Datasheet HTML 43Page - NXP Semiconductors PT2000 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 148 page
background image
NXP Semiconductors
40
PT2000
The truth table describing the status of hsx_command signal is given in Figure 21.
The pre-driver G_HSx output is set according to hsx_command:
• When the hsx_command is high, the G_HSx pin is driven high (pull-up to B_HSx voltage);
• When the hsx_command is low, the G_HSx pin is driven low (pull-down to S_HSx voltage).
6.3.1
High-side pre-driver slew rate control
The driver strength can be selected individually for each of the drivers among a set of values by the SPI registers. There are four selectable
driver strengths. The strength for the rising and falling edge can be chosen individually for each driver. Changing the rising edge affects
the falling edge such as to retain the same absolute slew rate. The given value of voltage slew rate is only an indication and is dependent
on the used MOSFET and the additional gate circuit (refer to Slew rate high-side and low-side selection register).
6.3.2
Safe state of high-side pre-driver
When reset (RSTB) is asserted or DRV_EN is negated, the G_HSx output is immediately forced to a low level, thus switching off the
external MOSFET, to guarantee a safe condition while the device is not operating. In addition to this, an integrated pull-down resistor
RPD_HSX between G_HSx and S_HSx of about 1.0 MΩ keeps the external MOSFET in the off state even when the bootstrap voltage is low.
Table 21. High-side pre-driver truth table
DRV_EN
hs5/7_en_ovr
uv_vccp
uv_vcc5
uv_vboost
cksys_drven
hsx_in
hsx_command
Driver status
0
-
-
-
-
-
-
0
off
-
-
1
-
-
-
-
0
off
-
-
-
1
-
-
-
0
off
-
-
-
-
1
-
-
0
off
-
-
-
-
-
0
-
0
off
-
-
-
-
-
-
0
0
off
0
1
0
0
0
1
1
1
on (hs5/7) / off
(other hsx)
1
-
0
0
0
1
1
1
on
Table 22. Slew rate settings for HS pre-drivers
hsx_slewrate(1:0)
Slew-rate/ V/µS
RDS(ON)_PMOS
(switching on)/
Ω
RDS(ON)_NMOS
(switching off)/
Ω
00
300
14.6
5.9
01
50
85
35
10
25
169
69
11
12.5
337
138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com