Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2000 Datasheet(PDF) 67 Page - NXP Semiconductors

Part # PT2000
Description  Programmable solenoid controller
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PT2000 Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button PT2000 Datasheet HTML 63Page - NXP Semiconductors PT2000 Datasheet HTML 64Page - NXP Semiconductors PT2000 Datasheet HTML 65Page - NXP Semiconductors PT2000 Datasheet HTML 66Page - NXP Semiconductors PT2000 Datasheet HTML 67Page - NXP Semiconductors PT2000 Datasheet HTML 68Page - NXP Semiconductors PT2000 Datasheet HTML 69Page - NXP Semiconductors PT2000 Datasheet HTML 70Page - NXP Semiconductors PT2000 Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 148 page
background image
67
NXP Semiconductors
PT2000
7.9.1
DrvEn shutoff path of the high-side pre-driver
The DrvEn path for the HS pre-drivers HS1 to HS4 and HS6 is implemented to ensure a high safety level. It is designed with a high level
of independence, because there is a direct wire from this pin to the HS pre-driver input and the failure rate of this functionally is very low.
If any of the following failures occur, the shut off path is still functional or the driver must be in a safe off state. These failures are:
• Missing clock signal for the device digital core
• Missing supply voltage for the device digital core
• Missing supply voltage of level shifter
• Missing supply voltage (VBS) of HS pre-driver
• Single damaged pre-driver
7.9.2
DrvEn Shutoff path of the low-side pre-driver
The DrvEn path for the LS pre-drivers LS1 to LS5 is implemented to ensure a high safety level. It is designed with a high level of
independence, because there is a direct wire from this pin to the HS pre-driver input and the failure rate of this functionally is very low.
If any of the following failures occur, the shut off path is still functional or the driver must be in a safe off state. These failures are:
• Missing clock signal for the device digital core
• Missing supply voltage for the device digital core
• Missing supply voltage VCCP of LS pre-driver
• Single damaged pre-driver
Table 43. DrvEn path for HS pre-drivers
HS pre-driver
Implementation
HS1
Direct wire from the DrvEn pin to the HS pre-driver input. High independence and low FIT rate.
HS2
HS3
HS4
HS6
HS5
Configuration option for the DrvEn path. The signal is routed via the digital core only.
HS7
Table 44. DrvEn path for LS pre-drivers
LS Pre-driver
Implementation
LS1
Direct wire from the DrvEn pin to the LS pre-driver input. High independence and low FIT rate.
LS2
LS3
LS4
LS6
LS5
Configuration option for the DrvEn path. The signal is routed via the digital core only.
LS7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com