Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2000 Datasheet(PDF) 71 Page - NXP Semiconductors

Part # PT2000
Description  Programmable solenoid controller
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PT2000 Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button PT2000 Datasheet HTML 67Page - NXP Semiconductors PT2000 Datasheet HTML 68Page - NXP Semiconductors PT2000 Datasheet HTML 69Page - NXP Semiconductors PT2000 Datasheet HTML 70Page - NXP Semiconductors PT2000 Datasheet HTML 71Page - NXP Semiconductors PT2000 Datasheet HTML 72Page - NXP Semiconductors PT2000 Datasheet HTML 73Page - NXP Semiconductors PT2000 Datasheet HTML 74Page - NXP Semiconductors PT2000 Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 148 page
background image
71
NXP Semiconductors
PT2000
8.1.2.2
Access sequence to data RAM
When the device is operating in single microcore mode, access slots to data RAM are granted according to Table 47.
The clock divider = ck_per +1’ (refer to Table 136, Clock_Prescaler (1A0h)). Tlast represents the last time slot. Tother represent all time
slots (if any) between T3 and Tlast. When the device is operating in dual microcore mode, access slots to data RAM are granted according
to Table 48
Note that when ck_per is equal to 1 and dual microcore mode is enabled, there are some limitations for the DRAM access.
As shown in Table 48 when “ck_per = 1” the SPI has no dedicated access slot to the DRAM. At the same time it is clear for most
applications, both microcores do not have to access the DRAM every microcontroler clock cycle. It is possible to use some unused slots
from the microcores for the SPI.
The limit with the 12 MHz dual sequencing access to the data RAM: there is a strong limit on how many instructions in a row the data ram
can access (load, store instructions). This limit depends on the SPI frequency used in the application.
As a consequence, the microcore 0 and 1 must not block the DRAM access slots for longer than the given number of ck cycles minus 1.
If this limit is achieved, it automatically be reported by the NXP IDE (compiler).
Table 47. Data RAM access sequence (single microcore mode)
Ck_per
flash_enable
T0
T1
T2
T3
Tother
Tlast
1
1
SPI r/w
uc0
--
--
1
0
SPI r/w
SPI r/w
-
-
-
-
2
1
SPI r/w
SPI r/w
uc0
-
-
-
2
0
SPI r/w
SPI r/w
SPI r/w
-
-
-
3
1
SPI r/w
SPI r/w
SPI r/w
uc0
-
-
3
0
SPI r/w
SPI r/w
SPI r/w
SPI r/w
-
-
4+
1
SPI r/w
SPI r/w
SPI r/w
SPI r/w
SPI r/w
uc0
4
0
SPI r/w
SPI r/w
SPI r/w
SPI r/w
SPI r/w
SPI r/w
Table 48. Data RAM Access Sequence (dual microcore mode)
Ck_per
flash_enable
T0
T1
T2
T3
Teven
Todd
Cycle stealing when uc0/
1 are in wait
11
uc1
uc0
SPI r/w
1
0
SPI r/w
SPI r/w
2
1
uc1
SPI r/w
uc0
SPI r/w
2
0
SPI r/w
SPI r/w
SPI r/w
3
1
uc1
SPI r/w
SPI r/w
uc0
-
-
SPI r/w
3
0
SPI r/w
SPI r/w
SPI r/w
SPI r/w
-
-
4
1
uc1
SPI r/w
SPI r/w
SPI r/w
SPI r/w
uc0
SPI r/w
4
0
SPI r/w
SPI r/w
SPI r/w
SPI r/w
SPI r/w
SPI r/w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com