Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2000 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PT2000
Description  Programmable solenoid controller
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PT2000 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PT2000 Datasheet HTML 9Page - NXP Semiconductors PT2000 Datasheet HTML 10Page - NXP Semiconductors PT2000 Datasheet HTML 11Page - NXP Semiconductors PT2000 Datasheet HTML 12Page - NXP Semiconductors PT2000 Datasheet HTML 13Page - NXP Semiconductors PT2000 Datasheet HTML 14Page - NXP Semiconductors PT2000 Datasheet HTML 15Page - NXP Semiconductors PT2000 Datasheet HTML 16Page - NXP Semiconductors PT2000 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 148 page
background image
13
NXP Semiconductors
PT2000
5.2
Power supply electrical characteristics
Table 5. PT2000 static electrical characteristics
Characteristics noted under conditions -40 ºC < TA < +125 ºC, referenced to ground, unless otherwise noted. Typical values noted reflect
the approximate parameter means at TA = 25 °C under nominal conditions, unless otherwise noted.
Symbol
Characteristic
Min.
Typ.
Max.
Unit
Notes
VBATT input supply
VBATT
VBATT power supply input voltage, normal operation
• Internal VCCP regulator
• External VCCP regulator
5.0
5.0
13.5
—
16
72
V
(12)
VBATT_LOADDUMP
VBATT power supply input voltage during load dump duration <
500 ms
• Internal VCCP regulator
18
—
40
V
IVBATT_LEAK
VBATT power supply current in reset state, VCC5 = VCCIO = 0.0 V
•VBATT = 13.5 V
•VBATT = 40 V
—
—
150
600
180
800
μA
IVBATT_OPER
VBATT power supply current in normal operation VBATT = 16 V
• DRVEN low, internal VCCP reg. off
• DRVEN low, Internal VCCP reg. on
• DRVEN high, VCCP max. load 100 mA
—
—
—
0.9
4.5
104.5
2.5
6.0
106
mA
IVBATT_LEAK
VBATT power supply current in reset state, VCC5 = VCCIO = 0.0 V
•VBATT = 13.5 V
•VBATT = 40 V
—
—
150
600
180
800
μA
VBOOST input supply
IVBOOST_LEAK
Leakage current from VBOOST, during reset state with
VCC5 = VCCIO = 5.0 V
•VBOOST = VBAT = 13.5 V
•VBOOST = VBAT = 40 V
•VBOOST = VBAT = 65 V
Contributors (13.5 V): VBOOST volt. div.: 65 μA
65
240
400
—
—
—
90
370
600
μA
IVBOOST_OPER
Operating current from VBOOST = 65 V
—
3.9
5.75
mA
VCC5 input supply
VCC5
VCC5 supply input voltage
4.75
5.0
5.25
V
VCC5_DIGITAL
VCC5 supply input voltage for digital part functional only
4.0
5.05.25
V
(12)
IVCC5
VCC5 supply current
•fSYS = 24 MHz, 7 HS load biasing enabled, no microcore running
•fSYS = 24 MHz, 7 HS load biasing enabled, all microcores running
• LBIST running, bias disabled
—
—
—
53
65
40
66.4
81.4
50
mA
(12)
VOVVCC5
VCC5 overvoltage threshold
7.5
8.5
10
V
VOVVCC5_VCCP
VCC5 overvoltage threshold for VCCP shutdown
6.2
6.9
7.5
V
VUVVCC5-
VCC5 undervoltage low-voltage threshold
4.3
4.45
4.7
V
VUVVCC5+
VCC5 undervoltage high-voltage threshold
4.35
4.5
4.75
V
VUVVCC5_HYST
VCC5 undervoltage hysteresis
30
50
85
mV
Notes
12.
Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com