Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2000 Datasheet(PDF) 96 Page - NXP Semiconductors

Part # PT2000
Description  Programmable solenoid controller
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PT2000 Datasheet(HTML) 96 Page - NXP Semiconductors

Back Button PT2000 Datasheet HTML 92Page - NXP Semiconductors PT2000 Datasheet HTML 93Page - NXP Semiconductors PT2000 Datasheet HTML 94Page - NXP Semiconductors PT2000 Datasheet HTML 95Page - NXP Semiconductors PT2000 Datasheet HTML 96Page - NXP Semiconductors PT2000 Datasheet HTML 97Page - NXP Semiconductors PT2000 Datasheet HTML 98Page - NXP Semiconductors PT2000 Datasheet HTML 99Page - NXP Semiconductors PT2000 Datasheet HTML 100Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 148 page
background image
NXP Semiconductors
96
PT2000
8.3.2.15
Microcore0 interrupt status register
This 13-bit register stores the information about the interrupt currently being served by uc0. If no interrupt is being served, this register is
cleared.
• Interrupt_routine_in_progress: '1' when an interrupt is being served.
• Irq_source:
• “000”: serving start rising edge interrupt
• “001”: serving driver disable interrupt request
• “010”: serving automatic diagnostics interrupt request
• “011”: serving start falling edge interrupt
• “100”: serving software interrupt request 0
• “101”: serving software interrupt request 1
• “110”: serving software interrupt request 2
• “111”: serving software interrupt request 3
• Iret_address: the value of the return address after the interrupt is served.
The return address after an interrupt is always the address where the code execution would continue if no interrupt had occurred. For wait
and conditional jump instructions, the address is defined considering the status of the feedback at the moment the interrupt request took
place.
8.3.2.16
Microcore1 interrupt status register
This 13-bit register stores the information about the interrupt currently being served by uc1. If no interrupt is being served, this register is
cleared.
• Interrupt_routine_in_progress: '1' when an interrupt is being served.
• Irq_source:
• “000”: serving start rising edge interrupt
• “001”: serving driver disable interrupt request
• “010”: serving automatic diagnostics interrupt request
• “011”: serving start falling edge interrupt
• “100”: serving software interrupt request 0
• “101”: serving software interrupt request 1
• “110”: serving software interrupt request 2
• “111”: serving software interrupt request 3
• Iret_address: the value of the return address after the interrupt is served.
Table 73. uc0_irq_status (10Fh, 12Fh, 14Fh)
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Reserved
interrupt_ro
utine_in_pro
gress
irq_source
iret_address
R/W
-
r
r
r
Lock
-
no
no
no
Reset
00
0
000
1111111111
Table 74. uc1_irq_status (110h, 130h, 150h)
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Reserved
interrupt_ro
utine_in_pro
gress
irq_source
iret_address
R/W
-
r
r
r
Lock
-
no
no
no
Reset
00
0
000
1111111111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com