Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2000 Datasheet(PDF) 65 Page - NXP Semiconductors

Part # PT2000
Description  Programmable solenoid controller
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PT2000 Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button PT2000 Datasheet HTML 61Page - NXP Semiconductors PT2000 Datasheet HTML 62Page - NXP Semiconductors PT2000 Datasheet HTML 63Page - NXP Semiconductors PT2000 Datasheet HTML 64Page - NXP Semiconductors PT2000 Datasheet HTML 65Page - NXP Semiconductors PT2000 Datasheet HTML 66Page - NXP Semiconductors PT2000 Datasheet HTML 67Page - NXP Semiconductors PT2000 Datasheet HTML 68Page - NXP Semiconductors PT2000 Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 148 page
background image
65
NXP Semiconductors
PT2000
7.5.1
MBIST
The MBIST is started by writing the MBIST password (B157h) to the BIST register (see Table 170, Bist_interface in write mode (1BDh)).
The overall MBIST operation takes about 2.2 ms (at 24 MHz) to complete. During the memory BIST five different tests are performed using
different patterns to test the RAM. The patterns are:
• All 00, All 11
• All 55, All AA
• All 0F, All F0
• All 00, All FF
• All FF, All 00
While the MBIST is running the digital core of the device is functional. The SPI interface can be used. It is not possible to use the CRAM
and DRAM.
7.5.2
LBIST
The LBIST is started by writing the LBIST password (0666h) to the BIST register (see Table 170, Bist_interface in write mode (1BDh)).
The overall LBIST operation takes about 32 ms (at 24 MHz) to complete. The coverage of the LBIST is > 92%.
The SPI interface is also covered by the LBIST. During the LBIST the device is no longer accessible via the SPI. When the LBIST is started
it takes control of the IRQB pin, which is used as a digital output signal to show the LBIST is busy. The IRQB pin is set low while the LBIST
is running. When the LBIST is finished, the IRQB signal goes high again.
The LBIST could fail in a way the IRQB signal never goes high again. In this case, the microcontroler needs to monitor this and reset the
device. When LBIST is finished (IRQB signal high), the device can be accessed by the SPI again and the LBIST result is available in the
BIST register (see Table 171, Bist_interface in read mode (1BDh)). After reading the results, the LBIST needs to be cleared by sending a
CLEAR command (refer to Table 170, Bist_interface in write mode (1BDh)). This releases the logic and the device returns to its original
state. It is recommended to check if the LBIST result is reset to “00” to ensure the LBIST clear command was successful.
The LBIST can be interrupted by a hardware reset via the RESETB pin. There is a second way to stop the LBIST after it is started by
writing the LBIST password. This is done by setting the Flag0 input pin to high. There is information in the LBIST result indicating the LBIST
was stopped by Flag0. Also in this case, an LBIST clear command (C1A0h) has to be sent or the RESETB pin must be set low to return
to normal operation mode. The FLAG0 pin has a weak PD resistor. If the pin is not connected, the LBIST runs and cannot be stopped by
Flag0.
7.6
Reset sources
The device has three possible reset sources:
• the resetb input reset pin is driven low
• the poresetb (power on reset) signal generated by the internal voltage regulator, incase an undervoltage is detected on VCC2P5
• a SPIresetb request received through SPI, when the appropriate code is written to the “global reset registers” (refer to See SPIReset
global reset register 1 and 2 on page 126). It is kept asserted for a fixed time (333 ns) then it is released.
Reset source can be determined reading the Reset_source register (refer to Table 168, Reset_Source (1B7h)).
Figure 26. VCC2P5 and reset sources
CVCC2P5
POResetB
SPIResetB
ResetB
RSTB
logic
RESETB
AGND
VCC5
VCC2P5
VCC2P5
Regulator
Power On
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com