Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGM1304JCPZ-R2 Datasheet(PDF) 32 Page - Analog Devices

Part # ADGM1304JCPZ-R2
Description  0 Hz/dc to 14 GHz, Single-Pole, Four-Throw MEMS Switch with Integrated Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM1304JCPZ-R2 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADGM1304JCPZ-R2 Datasheet HTML 26Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 27Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 28Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 29Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 30Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 31Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 32Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 33Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
ADGM1304
Data Sheet
Rev. G | Page 32 of 34
CUMULATIVE ON SWITCH LIFETIME
Leaving the switch in an on state for a long period affects the
lifetime of the switch because of mechanical degradation
effects. These effects can result in the switch failing to turn off.
Figure 69 shows a failure rate at 50°C where the mean time to
failure is 7.2 years (2628 days), resulting in 50% of the sample
lot failing at this point.
99
90
70
30
10
1
10
100
1,000
CONTINUOUSLY ON TIME (DAYS)
10,000
100,000
VDD = 3.3V
Figure 69. Cumulative On Switch Lifetime at 50°C, VDD = 3.3 V,
Sample Size = 31 Devices
Temperatures above 50°C further reduce the switch lifetime.
The cumulative on switch lifetime specification is also duty cycle
dependent. If the user operates the MEMS switch with a duty
cycle of less than 50%, the lifetime of the MEMS switch improves.
HANDLING PRECAUTIONS
ESD Precautions
All RFx pins of the ADGM1304 pass the following ESD limits:
•
100 V, Class 0 HBM, ANSI/ESDA/JEDEC JS-001-2010
•
500 V, Class C2 FICDM, JEDEC JESD22_C101E
All the RFx pins are rated to 500 V FICDM, making the device
safe for automated handling and assembly process. Standard
ESD precautions should be taken during manufacturing.
100 V HBM rating of ADGM1304 is susceptible to ESD surge
due to human body contact. ESD protection should be added if
human body contact is expected.
Electrical Overstress (EOS) Precautions
The ADGM1304 is susceptible to EOS. Therefore, take the
following precautions:
•
The ADGM1304 is an ESD sensitive device. Ensure to take
all normal handling precautions, including working only
on static dissipative surfaces, wearing wrist straps or other
ESD control devices, and storing unused devices in
conductive foam.
•
Avoid running measurement instruments, such as digital
multimeters (DMMs), in autorange modes. Some
instruments generate large transient compliance voltages
when switching between ranges.
•
Use the highest practical DMM range setting (the lowest
resolution) for resistance measurements to minimize
compliance voltages, particularly during switching.
•
Discharge coaxial cables before connecting directly to the
switch. Note that coaxial cables can store charge and lead
to EOS when directly connected to the switch.
•
Avoid connecting large capacitive terminations directly to
the switch, as shown in Figure 70. A shunt capacitor can
store a charge that potentially leads to hot switching events
when the switch opens or closes, affecting the lifetime of
the switch.
RFx
RFC
Figure 70. Avoid Having a Large Capacitor Directly Connected to the
MEMS Switch
Mechanical Shock Precautions
The ADGM1304 passes Group D mechanical shocks tests, as
detailed in Table 3 in the Absolute Maximum Ratings section.
These tests validate the robustness of the device to typical
mechanical shocks.
Do not use the device if dropped. To reduce excessive
mechanical shock and ESD events, avoid handling of loose
devices, as shown in Figure 71.
NOT RECOMMENDED
DEVICES STORED BULK
IN BINS
DEVICE DROPPED
DEVICES DUMPED OUT
ON BENCHTOP
Figure 71. Situations to Avoid During Handling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com