Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGM1304JCPZ-R2 Datasheet(PDF) 13 Page - Analog Devices

Part # ADGM1304JCPZ-R2
Description  0 Hz/dc to 14 GHz, Single-Pole, Four-Throw MEMS Switch with Integrated Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM1304JCPZ-R2 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADGM1304JCPZ-R2 Datasheet HTML 9Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 10Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 11Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 12Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 13Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 14Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 15Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 16Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
Data Sheet
ADGM1304
Rev. G | Page 13 of 34
–6
–4
–2
0
2
4
6
SIGNAL BIAS VOLTAGE (V)
VDD = 3.3V
TA = 0°C
TA = 25°C
TA = 85°C
Figure 12. RON vs. Signal Bias Voltage over Temperature (Measured 5 sec Post
Switch Turn On Time, RF1 to RFC On)
10k
100k
1M
10M
SWITCH ACTUATIONS (Cycles)
100M
1B
10B
100B
98
94
90
82
65
T50
45
25
14
8
4
1
15dBm
10dBm
20dBm
Figure 13. Hot Switching Probability Distribution on Log Normal with 95%
Confidence Interval (CI), RF Power = Continuous Wave, Terminated into 50
Ω, TA = 25°C, VDD = 3.3 V
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0
2
4
6
8
10
12
14
16
FREQUENCY (GHz)
25°C RF1
25°C RF2
Figure 14. Insertion Loss vs. Frequency on Linear Scale (VDD = 3.3 V)
0
2
4
6
8
10
12
14
16
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
FREQUENCY (GHz)
+85°C RF1
+25°C RF1
0°C RF1
Figure 15. Insertion Loss vs. Frequency over Temperature on Linear Scale
(VDD = 3.3 V, RF1 to RFC)
–80
–70
–60
–50
–40
–30
–20
–10
0
–0.50
–0.45
–0.40
–0.35
–0.30
–0.25
–0.20
–0.15
–0.10
–0.05
0
0
50M
100M
150M
200M
FREQUENCY (Hz)
TA = 25°C
VDD = 3.3V
INSERTION LOSS
OFF ISOLATION
RETURN LOSS
Figure 16. Insertion Loss and Off Isolation/Return Loss vs.
Frequency (VDD = 3.3 V, RF1 to RFC)
–80
–70
–60
–50
–40
–30
–20
–10
0
0
2
4
6
8
10
FREQUENCY (GHz)
TA = 25°C
VDD = 3.3V
RF1 TO RFC
RF2 TO RFC
Figure 17. Off Isolation vs. Frequency, All Switches Off (VDD = 3.3 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com