Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGM1304JCPZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADGM1304JCPZ-R2
Description  0 Hz/dc to 14 GHz, Single-Pole, Four-Throw MEMS Switch with Integrated Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM1304JCPZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADGM1304JCPZ-R2 Datasheet HTML 3Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 4Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 5Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 6Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 7Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 8Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 9Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 10Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Data Sheet
ADGM1304
Rev. G | Page 7 of 34
TIMING CHARACTERISTICS
VDD = 3.0 V to 3.6 V, AGND = 0 V, RFGND = 0 V, all specifications TMIN to TMAX = 0°C to 85°C, unless otherwise noted.
Table 2.
Parameter
Limit at TMIN, TMAX
Unit
Conditions/Comments
t1
100
ns min
Serial clock (SCLK) period
t2
45
ns min
SCLK high pulse width
t3
45
ns min
SCLK low pulse width
t4
25
ns min
Chip select (CS) falling edge to SCLK active edge
t5
20
ns min
Data setup time
t6
20
ns min
Data hold time
t7
25
ns min
SCLK active edge to CS rising edge
t8
20
ns max
CS falling edge to SDO data available
t91
40
ns max
SCLK falling edge to SDO data available
t10
25
ns max
CS rising edge to SDO returns to high impedance
t11
100
ns min
CS high time between SPI commands
t12
25
ns min
SCLK edge rejection to chip select (CS) falling edge
t13
25
ns min
CS rising edge to SCLK edge rejection
1
Measured with a 20 pF load. t9 determines the maximum SCLK frequency when SDO is used.
t1
t2
t3
t4
t5
t8
t9
t10
t6
t7
R/W
CS
SCLK
SDI
SDO
A6
A5
D2
D1
D0
0
0
1
D2
D1
D0
Figure 2. Addressable Mode Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com