Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGM1304JCPZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # ADGM1304JCPZ-R2
Description  0 Hz/dc to 14 GHz, Single-Pole, Four-Throw MEMS Switch with Integrated Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM1304JCPZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  ADGM1304JCPZ-R2 Datasheet HTML 1Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 2Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 3Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 4Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 5Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 6Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 7Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 8Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
Data Sheet
ADGM1304
Rev. G | Page 5 of 34
SPECIFICATIONS
VDD = 3.0 V to 3.6, AGND = 0 V, RFGND = 0 V, all specifications minimum temperature (TMIN) to maximum temperature (TMAX) = 0°C
to 85°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ1
Max
Unit
Test Conditions/Comments2
ON-RESISTANCE PROPERTIES
See Figure 6 to Figure 12 for more details
Initial On-Resistance
Properties
On Resistance
RON
2.9
Ω
Drain source current (IDS) = 50 mA, 0 V input bias, at 1 ms
after first actuation
On-Resistance Match
Between Channels
ΔRON CH_CH
1
Ω
On-Resistance Drift
Over Time3, 4
ΔRON TIME
−0.25
Ω
RON changed from 1 ms to 100 ms after first actuation
Over Actuations5
ΔRON
0.5
Ω
109 actuations, switch is actuated at 25°C and RON is
measured at 25°C
5
Ω
109 actuations, switch is actuated at 85°C and RON is measured
at 25°C, 1 kHz actuating frequency, 220 mA load applied
between toggles6
RELIABILITY PROPERTIES
Continuously On Lifetime
7.2
Years
Median time before failure at 50°C7, see Figure 69 for more
details
Actuation Lifetime
Cold Switched
109
Actuations
Load between toggling is 220 mA, tested at 85°C
Hot Switched
RF power = continuous wave, terminated into 50 Ω, see
Figure 13 for details
10 dBm
5.16 × 109
Actuations
50% of test population failure point (T50)
15 dBm
3.21 × 106
Actuations
50% of test population failure point (T50)
20 dBm
390 × 103
Actuations
50% of test population failure point (T50)
DYNAMIC CHARACTERISTICS
Operating Frequency
0 Hz/dc
14
GHz
Operating frequency
−3 dB Bandwidth
BW
RF1, RF4
9.3
11
GHz
RF1 to RFC and RF4 to RFC channels
RF2, RF3
12
14
GHz
RF2 to RFC and RF3 to RFC channels
Insertion Loss
IL
0.26
0.55
dB
At 2.5 GHz, RFC to RFx
0.4
0.9
dB
At 6.0 GHz, RFC to RFx
Isolation
ISO
RFx To RFC (All Off)
23
24
dB
At 2.5 GHz, RFx to RFC (all channels off)
16
19
dB
At 6.0 GHz, RFx to RFC (all channels off)
RF1 to RFC
25
At 6 GHz, RF2 to RFC is on, RF1 to RFC is off
RF2 to RFC
23
At 6 GHz, RF1 to RFC is on, RF2 to RFC is off
Crosstalk
CTK
27
30
dB
At 2.5 GHz, RFx to RFx
22
24
dB
At 6.0 GHz, RFx to RFx
Return Loss
RL
13
18
dB
DC to 6.0 GHz
Input Third-Order
Intermodulation Intercept
IP3
69
dBm
Input: 900 MHz and 901 MHz, input power = 27 dBm
Input Second-Order
Intermodulation Intercept
IP2
111
dBm
Input: 900 MHz and 901 MHz, input power = 27 dBm
Second Harmonic
HD2
−90
dBc
Input: 5.4 MHz, input power = 0 dBm
−85
dBc
Input: 150 MHz and 800 MHz, input power = 27 dBm
Third Harmonic
HD3
−85
dBc
Input: 150 MHz and 800 MHz, input power = 27 dBm
Total Harmonic Distortion
Plus Noise
THD + N
−110
dBc
Load resistance (RL) = 300 Ω, f = 1 kHz, RFx = 2.5 V p-p
Maximum RF Power
36
dBm
Switch in the on state and terminated into 50 Ω, maximum
specification tested at 25°C
DC Voltage Range
−6
+6
V
On switch dc voltage operation range
On Switching Time8
tON
0
75
µs
50% INx to 90% (0.05 dB of final IL value) RFx, 50 Ω termination
Off Switching Time8
tOFF
0
75
µs
50% INx to 10% (0.05 dB of final IL value) RFx, 50 Ω termination
Actuation Frequency
5
kHz
All switches toggled simultaneously



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com