Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGM1304JCPZ-R2 Datasheet(PDF) 18 Page - Analog Devices

Part # ADGM1304JCPZ-R2
Description  0 Hz/dc to 14 GHz, Single-Pole, Four-Throw MEMS Switch with Integrated Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM1304JCPZ-R2 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADGM1304JCPZ-R2 Datasheet HTML 14Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 15Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 16Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 17Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 18Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 19Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 20Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 21Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
ADGM1304
Data Sheet
Rev. G | Page 18 of 34
TEST CIRCUITS
Test circuits applicable to all channels; additional pins omitted for clarity.
VS
50Ω
VOUT
RL
50Ω
VIN2
VDD
0.1µF
VDD
RF2
RF1
IN2
RFC
VIN1
RF3
50Ω
IN1
50Ω
50Ω
RF4
VIN4
IN4
VIN3
IN3
AGND
RFGND
NETWORK
ANALYZER
Figure 36. Insertion Loss/Return Loss
VS
NETWORK
ANALYZER
50Ω
VOUT
RL
50Ω
VIN2
VDD
0.1µF
VDD
RF2
RF1
IN2
RFC
VIN1
RF3
50Ω
IN1
50Ω
RF4
VIN4
IN4
VIN3
IN3
50Ω
AGND
RFGND
Figure 37. Isolation
VIN2
VDD
0.1µF
VDD
RF2
RF1
IN2
RFC
VIN1
RF3
50Ω
IN1
50Ω
50Ω
RF4
VIN4
IN4
VIN3
IN3
VS
NETWORK
ANALYZER
50Ω
VOUT
RL
50Ω
AGND
RFGND
Figure 38. Crosstalk
VIN2
VDD
0.1µF
VDD
RF2
RF1
IN2
1MΩ
NC
NC
NC
RFC
OSCILLOSCOPE
INTERNAL 50Ω
TERMINATION
VIN1
RF3
IN1
RF4
VIN4
IN4
VIN3
IN3
GND
RFGND
Figure 39. Video Feedthrough



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com