Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGM1304JCPZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADGM1304JCPZ-R2
Description  0 Hz/dc to 14 GHz, Single-Pole, Four-Throw MEMS Switch with Integrated Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM1304JCPZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADGM1304JCPZ-R2 Datasheet HTML 1Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 2Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 3Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 4Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 5Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 6Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 7Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 8Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
0 Hz/dc to 14 GHz, Single-Pole, Four-Throw
MEMS Switch with Integrated Driver
Data Sheet
ADGM1304
Rev. G
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016–2021 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Fully operational down to 0 Hz/dc
On resistance: 2.9 Ω (maximum)
Off leakage: 0.5 nA (maximum)
−3 dB bandwidth
11 GHz (typical) for RF1, RF4
14 GHz (typical) for RF2, RF3
RF performance characteristics
Insertion loss: 0.26 dB (typical) at 2.5 GHz
Isolation: 24 dB (typical) at 2.5 GHz
IIP3: 69 dBm (typical)
RF power: 36 dBm (maximum)
Actuation lifetime: 1 billion cycles (minimum)
Hermetically sealed switch contacts
On switching time: 75 µs (maximum)
Integrated driver removes the need for an external driver
Supply voltage: 3.0 V to 3.6 V
CMOS/LVTTL compatible
Parallel and SPI interface
Independently controllable switches
Switch is in an open state with no power supply present
Requirement to avoid floating nodes on all RFx pins (see the
Floating Node section)
24-lead, 5 mm × 4 mm × 0.95 mm, LFCSP
Operating temperature range: 0°C to 85°C
APPLICATIONS
Relay replacements
Automatic test equipment: RF/high speed digital and mixed
signals
Load and probe boards: RF/high speed digital and mixed
signals
RF test instrumentation
Reconfigurable filters and attenuators
High performance RF switching
GENERAL DESCRIPTION
The ADGM1304 is a wideband, single-pole, four-throw (SP4T)
switch, fabricated using Analog Devices, Inc., microelectro-
mechanical system (MEMS) switch technology. This technology
enables a small form factor, wide RF bandwidth, highly linear,
low insertion loss switch that is operational from 0 Hz/dc to
14 GHz, making the ADGM1304 an ideal solution for a wide
range of RF and precision equipment switching needs.
An integrated driver chip generates a high voltage to electro-
statically actuate a switch that can be controlled by a parallel
interface and a serial peripheral interface (SPI). All four switches
are independently controllable.
The device is packaged in a 24-lead, 5 mm × 4 mm × 0.95 mm,
lead frame chip-scale package (LFCSP).
To ensure optimum operation of the ADGM1304, the Critical
Operational Requirements section must be followed exactly.
The on resistance (RON) performance of the ADGM1304 is
affected by device to device variation, channel to channel
variation, cycle actuations, settling time post turn on, bias voltage,
and temperature changes.
COMPANION PRODUCTS
Quad Parametric Measurement Unit (PMU): AD5522
SP4T MEMS Switch: ADGM1004
Low Noise, LDO Regulators: ADP7142, LT1962, LT3045-1
Additional companion products on the ADGM1304 product
page


Similar Part No. - ADGM1304JCPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADGM1304JCPZ-RL7 AD-ADGM1304JCPZ-RL7 Datasheet
595Kb / 21P
Fully operational down to 0 Hz/dc
REV. C
More results

Similar Description - ADGM1304JCPZ-R2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWGM0002-DIE MACOM-MASWGM0002-DIE Datasheet
128Kb / 5P
Switch, Single-Pole, Double-Throw 2.0-20.0 GHz
MASWGM0003-DIE MACOM-MASWGM0003-DIE Datasheet
93Kb / 5P
Switch, Single-Pole, Double-Throw 2.0-8.0 GHz
MASWGM0005-DIE MACOM-MASWGM0005-DIE Datasheet
153Kb / 5P
Switch, Single-Pole, Double-Throw DC-5.0 GHz
logo
Skyworks Solutions Inc.
SKY14151-350LF SKYWORKS-SKY14151-350LF Datasheet
505Kb / 7P
High-Power Single Pole Four Throw (SP4T) Switch with Decoder
logo
Pasternack Enterprises,...
PE71S6074 PASTERNACK-PE71S6074 Datasheet
412Kb / 4P
Single Pole Four Throw Relay Switch
logo
Teledyne Technologies I...
S2CP20101 TELEDYNE-S2CP20101 Datasheet
105Kb / 1P
DC TO 20 GHz NON REFLECTIVE SINGLE-POLE SINGLE-THROW SWITCH
logo
Analog Devices
ADGM1004 AD-ADGM1004 Datasheet
1Mb / 32P
0 Hz/DC to 13 GHz, 2.5 kV HBM ESD, SP4T, MEMS Switch with Integrated Driver
11/2019-Rev. C to Rev. D
ADGM1001 AD-ADGM1001 Datasheet
2Mb / 33P
0 Hz/DC to 34 GHz, SPDT MEMS Switches
Rev. 0
ADGM1144 AD-ADGM1144 Datasheet
2Mb / 28P
0 Hz/DC to 18 GHz, SP4T, MEMS Switch
Rev. 0
ADGM1121 AD-ADGM1121 Datasheet
6Mb / 27P
0 Hz/DC to 18 GHz, DPDT, MEMS Switch
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com