Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGM1304JCPZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADGM1304JCPZ-R2
Description  0 Hz/dc to 14 GHz, Single-Pole, Four-Throw MEMS Switch with Integrated Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM1304JCPZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADGM1304JCPZ-R2 Datasheet HTML 6Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 7Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 8Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 9Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 10Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 11Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 12Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 13Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
ADGM1304
Data Sheet
Rev. G | Page 10 of 34
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. EXPOSED PAD 1. EP1 IS INTERNALLY CONNECTED TO AGND.
IT IS RECOMMENDED TO CONNECT TO BOTH AGND AND REFGND.
2. EXPOSED PAD 2. EP2 IS INTERNALLY CONNECTED TO RFGND.
IT IS RECOMMENDED TO CONNECT TO BOTH REFGND AND AGND.
IN1/SDI
IN2/CS
IN3/SCLK
IN4/SDO
EP1
EP2
AGND
REFGND
REFGND
RFC
RFGND
RFGND
1
2
3
4
5
17
16
15
14
13
ADGM1304
TOP VIEW
(Not to Scale)
Figure 5. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
IN1/SDI
Parallel Logic Digital Control Input 1. The voltage applied to this pin controls the gate of the RF1 to RFC
MEMS switch. In parallel mode, if the IN1 pin is low, the RF1 to RFC switch is open (off). If the IN1 pin is high,
the RF1 to RFC switch is closed (on). In SPI mode, this pin is the serial data input (SDI) pin.
2
IN2/CS
Parallel Logic Digital Control Input 2. The voltage applied to this pin controls the gate of the RF2 to RFC
MEMS switch. In parallel mode, if IN2 is low, the RF2 to RFC switch is open (off). If IN2 is high, the RF2 to RFC
switch is closed (on). In SPI mode, this pin is the chip select (CS ) pin. CS is an active low signal that selects
the slave device with which the master device intends to communicate. Typically, there is a dedicated CS
between the master device and each slave device. The CS pin also functions to synchronize and frame the
communications to and from the slave device.
3
IN3/SCLK
Parallel Logic Digital Control Input 3. The voltage applied to this pin controls the gate of the RF3 to RFC
MEMS switch. In parallel mode, if IN3 is low, the RF3 to RFC switch is open (off). If IN3 is high, the RF3 to RFC
switch is closed (on). In SPI mode, this pin is the serial clock (SCLK) pin that synchronizes the slave device(s)
to the master device. Typically, the SCLK signal is shared for all slave devices on the serial bus. The SCLK
signal is always driven by the master device.
4
IN4/SDO
Parallel Logic Digital Control Input 4. The voltage applied to this pin controls the gate of the RF4 to RFC
MEMS switch. In parallel mode, if IN4 is low, the RF4 to RFC switch is open (off). If IN4 is high, the RF4 to RFC
switch is closed (on). In SPI mode, this pin is the serial data output (SDO) pin. Typically, the SDO pin is
shared for all slave devices on the serial bus. The SDO pin is driven by only one slave device at a time,
otherwise it is high impedance. The SDO pin is always high impedance when CS is deasserted high.
5, 8, 22
AGND
Analog Ground Connection.
6
PIN/SPI
Parallel Mode Enable/SPI Mode Enable. The SPI interface is enabled when this pin is high, and the parallel
interface (IN1, IN2, IN3, IN4) is enabled when this pin is low.
7
EXTD_EN
External Voltage Drive Enable. In normal operation, set EXTD_EN low to enable the built in 10 MHz
oscillator, which enables the internal driver IC voltage boost circuitry. Setting EXTD_EN high disables the
internal 10 MHz oscillator and driver boost circuitry. With the oscillator disabled, the switch can still be
controlled via the logic interface pins (IN1 to IN4) or via the SPI interface, but the VCP pin must be driven
with 80 V dc from an external voltage supply. In this mode, the ADGM1304 only consumes 50 µA
maximum supply current. Disabling the internal oscillator eliminates the associated 10 MHz noise
feedthrough from the switch.
9, 11, 13, 14, 16,
17, 19, 21
RFGND
RF Ground Connection.
10
RF4
RF4 Port. This pin can be an input or an output. If unused, the pin must be connected to RFGND or terminate the
pin with a 50 Ω resistor to RFGND.
12
RF3
RF3 Port. This pin can be an input or an output. If unused, the pin must be connected to RFGND or terminate
the pin with a 50 Ω resistor to RFGND.
15
RFC
Common RF Port. This pin can be an input or an output.
18
RF2
RF2 Port. This pin can be an input or an output. If unused, the pin must be connected to RFGND or terminate
the pin with a 50 Ω resistor to RFGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com