Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGM1304JCPZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # ADGM1304JCPZ-R2
Description  0 Hz/dc to 14 GHz, Single-Pole, Four-Throw MEMS Switch with Integrated Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM1304JCPZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADGM1304JCPZ-R2 Datasheet HTML 10Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 11Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 12Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 13Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 14Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 15Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 16Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 17Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
ADGM1304
Data Sheet
Rev. G | Page 14 of 34
–80
–70
–60
–50
–40
–30
–20
–10
0
0
1
2
3
4
5
6
7
8
9
10
FREQUENCY (GHz)
RF2 TO RFC
RF3 TO RFC
RF4 TO RFC
TA = 25°C
VDD = 3.3V
Figure 18. Off Isolation vs. Frequency, RF1 to RFC On (VDD = 3.3 V)
–80
–70
–60
–50
–40
–30
–20
–10
0
0
1
2
3
4
6
7
8
9
5
10
FREQUENCY (GHz)
TA = 25°C
VDD = 3.3V
RF1 TO RF2
RF2 TO RF1
Figure 19. Crosstalk vs. Frequency (VDD = 3.3 V)
–60
–50
–40
–30
–20
–10
0
0
1
2
3
4
6
7
8
9
5
10
FREQUENCY (GHz)
TA = 25°C
VDD = 3.3V
RF1
RF2
Figure 20. Return Loss vs. Frequency (VDD = 3.3 V)
0
1
10
100
1k
10k
100k
1M
10M
100M
SWITCH TOGGLES
–0.50
–0.45
–0.40
–0.35
–0.30
–0.25
–0.20
–0.15
–0.10
–0.05
2.5GHz RF1 TO RFC
6.0GHz RF1 TO RFC
TA = 25°C
VDD = 3.3V
Figure 21. Insertion Loss vs. Switch Toggles (VDD = 3.3 V)
0
20
40
60
100
80
120
INSERTION LOSS (dB)
HISTOGRAM DATA IS
COLLECTED USING A SOCKETED
TEST BOARD AND INCLUDES
ASSOCIATED LOSSES
2.5GHz AT 25°C
2.5GHz AT 85°C
2.5GHz AT 0°C
VDD = 3.3V
Figure 22. 2.5 GHz Insertion Loss Histogram at Various Temperatures,
VDD = 3.3 V
HISTOGRAM DATA IS
COLLECTED USING A SOCKETED
TEST BOARD AND INCLUDES
ASSOCIATED LOSSES
INSERTION LOSS (dB)
6.0GHz AT 25°C
6.0GHz AT 85°C
6.0GHz AT 0°C
VDD = 3.3V
Figure 23. 6.0 GHz Insertion Loss Histogram at Various Temperatures,
(VDD = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com