Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGM1304JCPZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # ADGM1304JCPZ-R2
Description  0 Hz/dc to 14 GHz, Single-Pole, Four-Throw MEMS Switch with Integrated Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM1304JCPZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADGM1304JCPZ-R2 Datasheet HTML 2Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 3Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 4Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 5Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 6Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 7Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 8Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 9Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
ADGM1304
Data Sheet
Rev. G | Page 6 of 34
Parameter
Symbol
Min
Typ1
Max
Unit
Test Conditions/Comments2
Power-Up Time
0.75
ms
Charge pump capacitor (CCP) = 47 pF, 95% VDD to 90% RFx
Video Feedthrough
16
mV peak
1 MΩ load at RFx pin
Internal Oscillator Frequency
8
10
12
MHz
Internal Oscillator
Feedthrough9
−123
dBm
Spectrum analyzer resolution bandwidth (RBW) = 200 Hz;
one switch in on state, all other switches off with 50 Ω
terminations10
−146
dBm/Hz
CAPACITANCE PROPERTIES
At 1 MHz, includes LFCSP package capacitance
On Switch Channel
Capacitance
CRF ON
3.3
pF
Off Switch Channel
Capacitance
CRF OFF
1.6
pF
LEAKAGE PROPERTIES
On Leakage
5
nA
RFx (off channels) = −6 V, RFC to RFx (on channel) = −6 V
Off Leakage
0.5
nA
RFx = 6 V, RFC = −6 V
DIGITAL INPUTS
Input High Voltage
VINH
2
V
Input Low Voltage
VINL
0.8
V
Input Current
IINL/IINH
0.025
1
µA
VIN = VINL or VINH
DIGITAL OUTPUTS
Output High Voltage
VOH
VDD − 0.4 V
V
Source current (ISOURCE) = 1 mA
Output Low Voltage
VOL
0.4
V
Sink current (ISINK) = 1 mA
POWER REQUIREMENTS
Supply Voltage
VDD
3.0
3.6
V
Supply Current
IDD
2.5
mA
Digital inputs = 0 V or VDD, serial data out (SDO) is floating
in SPI mode
Low Power Mode
Current11
IDD EXT VCP
50
µA
This value is IDD in low power mode
External Drive Voltage12
VCPEXT
79.2
80
80.8
V
External Drive Current
ICP EXT VCP
20
µA
1
Typical specifications tested at 25°C with VDD = 3.3 V.
2
RFx is RF1, RF2, RF3, and RF4. INx is IN1, IN2, IN3, and IN4.
3
Typically, the on resistance over time drifts by −0.05 Ω per decade.
4
Maximum RON over time is RON (max) + ∆RON TIME (max) = 2.65 Ω.
5
Maximum RON after 1 billion actuations is RON (max) + ΔRON (max) = 7.9 Ω.
6
Actuating the switch at 85°C and measuring RON at 25°C is the most severe condition for ADGM1304 RON drift over actuations.
7
Failure occurs when 50% of a sample lot fails. For more details, see the Cumulative On Switch Lifetime section.
8
Switch is settled after 75 µs. Do not apply RF power between 0 µs to 75 µs.
9
Disable the internal oscillator to eliminate feedthrough. When the internal oscillator and charge pump circuitry are disabled, the VCP pin (Pin 24) must be driven with
80 V dc (VCPEXT) from an external voltage supply, as outlined in Table 5, required for MEMS switch actuation.
10
The spectrum analyzer setup is as follows: RBW = 200 Hz, video bandwidth (VBW) = 2 Hz, span = 100 kHz, input attenuator = 0 dB, the detector type is peak, and the
maximum hold is off. The fundamental feedthrough noise or harmonic thereof (whichever is higher) is tested.
11
For more details, see the Low Power Mode section.
12
For more details, see the Internal Oscillator Feedthrough Mitigation section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com