Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGM1304JCPZ-R2 Datasheet(PDF) 21 Page - Analog Devices

Part # ADGM1304JCPZ-R2
Description  0 Hz/dc to 14 GHz, Single-Pole, Four-Throw MEMS Switch with Integrated Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM1304JCPZ-R2 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADGM1304JCPZ-R2 Datasheet HTML 17Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 18Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 19Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 20Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 21Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 22Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 23Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 24Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Data Sheet
ADGM1304
Rev. G | Page 21 of 34
TERMINOLOGY
Insertion Loss (IL)
IL is the amount of signal attenuation between the input and
output ports of the switch when the switch is in the on state.
IL is expressed in decibels. Ensure that insertion loss is as small
as possible for maximum power transfer.
An example calculation of insertion loss based on the setup in
Figure 36 is as follows:
IL = −20log10|SRF2RFC|
where SRF2RFC is the transmission coefficient measured from RF2
to RFC with RF2 in the on position.
All unused switches are in the off position and terminated in a
purely resistive load of 50 Ω.
Isolation (ISO)
ISO is the amount of signal attenuation between the input and
output ports of the switch when the switch is in the off state. ISO
is expressed in decibels. Ensure that isolation is as large as
possible.
An example calculation of isolation based on the setup in Figure 37
is as follows:
ISO = −20log10|SRFCRF1|
where SRFCRF1 is the transmission coefficient measured from
RFC to RF1 with RF1 in the off position.
All unused switches are in the off position and terminated in a
purely resistive load of 50 Ω.
Crosstalk (CTK)
CTK is a measure of unwanted signals coupled through from
one channel to another because of parasitic capacitance. CTK is
expressed in decibels.
An example calculation of crosstalk based on the setup in
Figure 38 is as follows:
CTK = −20log10|SRF1RF2|
where SRF1RF2 is the transmission coefficient measured from RF1
to RF2 with RF1 in the off position and RF2 in the on position.
All unused switches are in the off position and terminated in a
purely resistive load of 50 Ω.
Return Loss (RL)
RL is the magnitude of the reflection coefficient (expressed in
decibels), and the amount of reflected signal relative to the
incident signal.
An example calculation of return loss based on the setup in
Figure 36 is as follows:
RL = −20log10|S11|
where S11 is the reflection coefficient of the port under test.
Third-Order Intermodulation Intercept (IIP3)
IP3 is the intersection point of the fundamental output power
(POUT) vs. input power (PIN) extrapolated line and the third-
order intermodulation products extrapolated line of a two-tone
test. IIP3 is a figure of merit that characterizes the switch
linearity.
Second-Order Intermodulation Intercept (IIP2)
IIP2 is the intersection point of the fundamental POUT vs. PIN
extrapolated line and the second-order intermodulation
products extrapolated line of a two-tone test. IIP2 is a figure of
merit that characterizes the switch linearity.
Second Harmonic (HD2)
HD2 is the amplitude of the second harmonic, where, for a
signal whose fundamental frequency is f, the second harmonic
has a frequency 2f. This measurement is a single tone test,
expressed with reference to the carrier signal (dBc).
Third Harmonic (HD3)
HD3 is the amplitude of the third harmonic, where, for a signal
whose fundamental frequency is f, the third harmonic has a
frequency 3f. This measurement is a single tone test, expressed
with reference to the carrier signal (dBc).
RF Power Rating
The RF power rating is the maximum level of RF power that
passes through the switch without degradation to the switch
lifetime when it is in the on state.
On Switching Time (tON)
tON is the time it takes for the switch to turn on. It is measured
from 50% of the control signal (INx) to 90% of the on level.
No power is applied through the switch during this test (cold
switched). The switch is terminated into a 50 Ω load.
Off Switching Time (tOFF)
tOFF is the time it takes for the switch to turn off. It is measured
from 50% of the control signal (INx) to 10% of the on level.
No power is applied through the switch during this test (cold
switched). The switch is terminated into a 50 Ω load.
Actuation Frequency
The actuation frequency refers to the speed at which the
ADGM1304 can be switched on and off. It is dependent on
both settling times and on to off switching times.
Wake-Up Time
The wake-up time is a measure of the time required for the
voltage on VCP to reach the typical voltage of 80 V after the
device exits sleep mode.
Video Feedthrough
Video feedthrough is a measure of the spurious signals present
at the RF ports of the switch when the control voltage is
switched from high to low or from low to high without an RF
signal present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com