Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5643LFAMLL6 Datasheet(PDF) 132 Page - NXP Semiconductors

Part # SPC5643LFAMLL6
Description  MPC5643L Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SPC5643LFAMLL6 Datasheet(HTML) 132 Page - NXP Semiconductors

Back Button SPC5643LFAMLL6 Datasheet HTML 128Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 129Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 130Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 131Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 132Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 133Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 134Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 135Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 136Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 132 / 136 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 10
Document revision history
NXP Semiconductors
132
8
27 April 2012 Editorial changes.
In the “Device comparison” section, changed “Ambient temperature range using external
ballast transistor (BGA)“ from TBD to “–40 to 125 °C“.
In the “Block diagram” section, removed one PMU from the figure.
In the 257-pin pinout figure, changed cut2 to cut2/3 in Notes.
In the pin function summary table, changed cut2 to cut2/3.
In the “System pins” table:
• Added Note regarding Open Drain Enable.
• Added description to RESET pin.
In the pin-muxing table:
• Added Note about Open Drain.
• Changed cut2 to cut2/3.
• Changed all entries of column 'Weak pull config during reset’ to ' - ' , except for PCR[2],
PCR[3], PCR[4] and PCR[21].
In the “Absolute maximum ratings” table:
• Removed the “VSS_HV_REG” row.
• Added the footnote “Internal structures hold the input voltage...” to the VIN maximum
specifications.
In the “ conditions” table, removed the “VSS_HV_REG” row.
In the “Thermal characteristics” section:
• Added the “Thermal characteristics for 100 LQFP package“ table.
• Updated values and footnote 1 in the 144 package table.
• Updated footnote 1 in the 257 package table.
In the “Supply current characteristics“ table:
• Added footnote 1 to parameter “IDD_LV_TYP + IDD_LV_PLL“ (symbol “T”).
• Changed “IDD_LV_STOP” at 150C from 80mA to 72mA.
• Changed “IDD_LV_HALT” at 150C from 72mA to 80mA.
In the “FMPLL electrical characteristics” table:
• Deleted the footnote “This value is true when operating at frequencies above 60 MHz...”
from the specification for fCS and fDS.
• Changed “fSYS” to “fFMPLLOUT” in the entries for the CJITTER, fLCK, fUL, fCS, and fDS
specifications.
In the “ADC conversion characteristics” table:
• Revised the entry for TUEIS1WINJ (was P/T and “Total unadjusted error for IS1WINJ”, is
T and “Total unadjusted error for IS1WINJ (single ADC channels)”).
• Revised the entry for TUEIS1WWINJ (was “Total unadjusted error for IS1WWINJ”, is
“Total unadjusted error for IS1WWINJ (double ADC channels)”).
In the “Temperature sensor electrical characteristics“ table, for TJ = TA to 125 °C, changed
Min/Max from values -7/+7 to -10/+10.
In the “Input Impedance and ADC Accuracy“ section:
• Changed CS in the text from 3 pF to 7.5 pF.
• Changed Req in the text from 330 kΩ to 133 kΩ.
• Removed RL, RSW, and RAD from the external network design constraint equation and
the sentence immediately preceding it.
• Changed the CF constraint value equation constant from 2048 to 8192.
• In the “ADC conversion characteristics“ table, changed INL Min/Max values from -2/+2
to -3/+3.
Table 41. Revision history (continued)
Revision
Date
Description of changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com