Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5643LFAMLL6 Datasheet(PDF) 133 Page - NXP Semiconductors

Part # SPC5643LFAMLL6
Description  MPC5643L Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SPC5643LFAMLL6 Datasheet(HTML) 133 Page - NXP Semiconductors

Back Button SPC5643LFAMLL6 Datasheet HTML 128Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 129Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 130Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 131Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 132Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 133Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 134Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 135Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 136Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 133 / 136 page
background image
Document revision history
MPC5643L Microcontroller Data Sheet, Rev. 10
NXP Semiconductors
133
•In Section 1.5.31, “eTimer module” changed text from “The MPC5643L provides three
eTimer modules on the 257 MAPBGA device, and two eTimer modules on the 144
LQFP package” to “The MPC5643L provides three eTimer modules (on the LQFP
package eTimer_2 is available internally only without any external I/O access)”.
•In Section 3.5, “Electromagnetic Interference (EMI) characteristics”,added additional
information at the end of this section.
•In Section 3.8, Voltage regulator electrical characteristics, added text related to external
ballast transistor.
•In Table 3 and Table 4 (257 MAPBGA pin function summary), moved EVTI from output
function to input function.
•In Table 6 (System pins), changed the direction for EXTAL from “Output Only” to
“Input/Output”.
•InTable 6, added table footnote for symbol “EXTAL”.
• Changed the row (TVdd) in Table 8 (Absolute maximum ratings).
•In Table 8, Maximum value for “VDD_HV_IOX” and “VDD_HV_FLA” changed from “3.6” to
“4.0”.
•In Table 20 (Current consumption characteristics), added max value 250 and 290 mA
for symbol IDD_LV_BIST+IDD_LV_PLL .
• Added five additional RunIDD parameters in Table 20 (Current consumption
characteristics).
•In Table 21 (Temperature sensor electrical characteristics), changed condition for
parameter “Accuracy” from “-40°C to 25°C” to “-40°C to 150°C”
•In Table 23 (FMPLL electrical characteristics),added ‘150’ to the max value for ‘fSCM’ In
Table 24 (16 MHz RC oscillator electrical characteristics),changes done are:
fRC symbol- Added min value ‘15.04’ and max value ‘16.96’.Removed condition “TJ=25°C”
Removed row containing
RCMVAR symbol.
•In Figure 8, added the name ‘CS’ to the capacitor in the internal circuit scheme.
• Removed references to Cut1 and Cut2:
Renamed Section ”Electromagnetic Interference (EMI) characteristics (cut1)” to
“Electromagnetic Interference (EMI) characteristics” .
In Table 25 (ADC conversion characteristics), removed reference to cut2 only for symbol
‘IS1WINJ’ and ‘TUEIS1WWINJ’.
In Section 1.1, Document overview, modified text to remove references to ‘Cut1’.
•In Table 25 (ADC conversion characteristics), for tCONV added ‘60 MHz’ to ‘conditions’
and ‘600’ to the ‘Min’ value.
Separated SNR into two specifications with conditions Vref 3.3 V and 5.0 V respectively.
Changed min value to ‘-72’ for symbol ‘THD’.
•In Table 25 (ADC conversion characteristics), changed ADC specification parameter
‘THD’ minimum limit from -72 to -65dB.
•In Table 26 (Flash memory program and erase electrical specifications), changes done
are as follows:
TDWPROGRAM, changed typical value from ‘39’ to ‘38’.
TPPROGRAM, changed typical value from ‘48’ to ‘45’ and intial max value from ‘100’ to ‘160’.
T16KPPERASE, inserted typical value ‘270’ and factory avg ‘1000’.
T48KPPERASE, inserted typical value ‘625’ and factory avg ‘1500’.
T64KPPERASE, inserted typical value ‘800’ and factory avg ‘1800’.
T128KPPERASE, inserted typical value ‘1500’ and factory avg ‘2600’.
T256KPPERASE, inserted typical value ‘3000’ and factory avg ‘5200’.
Updated table footnote and removed min column in Table 26 (Flash memory program and
erase electrical specifications)
•In Table 27 (Flash memory timing), added symbol TPSRT ,TESRT and added table
footnote for TPSRT ,TESRT .
Table 41. Revision history (continued)
Revision
Date
Description of changes
Δ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com