Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5643LFAMLL6R Datasheet(PDF) 134 Page - NXP Semiconductors

Part # SPC5643LFAMLL6R
Description  MPC5643L Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SPC5643LFAMLL6R Datasheet(HTML) 134 Page - NXP Semiconductors

Back Button SPC5643LFAMLL6R Datasheet HTML 128Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 129Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 130Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 131Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 132Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 133Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 134Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 135Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 136Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 134 / 136 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 10
Document revision history
NXP Semiconductors
134
• Added Table 29 (MPC5643L SWG Specifications)
•In Table 29 (MPC5643L SWG Specifications)
Added table footnote for Common Mode.
Changed text from “internal device pad resistance” to “internal device routing resistance”.
• Added Figure 26 in Section 3.20.4, “Nexus timing”.
•In Table 30 (Pad AC specifications (3.3 V , IPP_HVE = 0 )), removed the row of pad
“Pull Up/Downc(3.6 V max)”.
•In Table 40 (Orderable part number summary) and Figure 43, updated part numbers
(changed ‘PPC’ to ‘SPC’ and ‘F0’ to ‘F2’).
• Replaced Figure 39, Figure 40, Figure 41, Figure 42 with the new versions.
•InTable 18 (Voltage regulator electrical specifications),changed the symbol of spec
external decoupling capacitor from SR to Cext.
In Figure 4, changed the ESR range in note text to 1 mW to 100 mW from 30 mW to
150 mW.
•In Section 1.5.32, “Sine Wave Generator (SWG)” removed the following text:
Frequency range from 1kHz to 50kHz.
Sine wave amplitude from 0.47 V to 2.26 V.
•In Table 20 (Current consumption characteristics)”,changed symbol from ‘C’ to ‘T’ ,
added “operating current” to the parameter and updated the maximum value for five
additional RunIDD parameters.
•In Table 20 (Current consumption characteristics), changed “Conditions” from ‘1.2 V
supplies’ to ‘1.2 V supplies during LBIST (full LBIST configuration)’ for all the
parameters.
• Removed Table “SWG electrical characteristics”.
•In Table 18 (Voltage regulator electrical specifications), changed the “Digital supply
high voltage detector upper threshold low limit (After a destructive reset initialization
phase completion)” from 1.43V to 1.38V.
• Added Table 17 (Recommended operating characteristics).
• Updated the IDD values in Table 20 (Current consumption characteristics). Changed
conditions text from “1.2 supplies during LBIST (full LBIST configuration)” to “1.2 V
supplies” for all the IDD parameters except IDD_LV_BIST+IDD_LV_PLL. Added footnote in
“Conditions” for the DPM mode.
• Removed Cut references from the whole document.
•In Table 25 (ADC conversion characteristics), changed the sampling frequency value
from ‘1 MHz’ to ‘983.6 KHz’.
8.1
07 May 2012
• Deleted the Footer "Preliminary-Subject to Change Without Notice" label.
Table 41. Revision history (continued)
Revision
Date
Description of changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com