Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5643LFAMLL6R Datasheet(PDF) 86 Page - NXP Semiconductors

Part # SPC5643LFAMLL6R
Description  MPC5643L Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SPC5643LFAMLL6R Datasheet(HTML) 86 Page - NXP Semiconductors

Back Button SPC5643LFAMLL6R Datasheet HTML 82Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 83Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 84Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 85Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 86Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 87Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 88Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 89Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 90Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 136 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 10
Electrical characteristics
NXP Semiconductors
86
Figure 4. BCP68 board schematic example
NOTE
The minimum value of the ESR is constrained by the resonance caused by the external
components, bonding inductance, and internal decoupling. The minimum ESR is required
to avoid the resonance and make the regulator stable.
3.9
DC electrical characteristics
Table 19 gives the DC electrical characteristics at 3.3 V (3.0 V < VDD_HV_IOx <3.6 V).
Table 19. DC electrical characteristics1
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
D Minimum low level input voltage
—
–0.12
——
V
VIL
P Maximum level input voltage
—
—
—
0.35 VDD_HV_IOx
V
VIH
P Minimum high level input voltage
—
0.65 VDD_HV_IOx
——
V
VIH
D Maximum high level input voltage
—
—
—
VDD_HV_IOx +0.1
2,3
V
VHYS
T Schmitt trigger hysteresis
—
0.1 VDD_HV_IOx
——
V
VOL_S
P Slow, low level output voltage
IOL =1.5 mA
—
—
0.5
V
VOH_S
P Slow, high level output voltage
IOH = –1.5 mA VDD_HV_IOx –0.8
—
—
V
VOL_M
P Medium, low level output voltage
IOL =2mA
—
—
0.5
V
BCRTL
Cext
Cint
Rb
Lb
Rs
V1V2 ring on board
VDD
V1V2 pin
ESR
Cv1v2
MPC5643L
BCP68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com