Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5643LFAMLL6R Datasheet(PDF) 52 Page - NXP Semiconductors

Part # SPC5643LFAMLL6R
Description  MPC5643L Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SPC5643LFAMLL6R Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button SPC5643LFAMLL6R Datasheet HTML 48Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 49Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 50Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 51Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 52Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 53Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 54Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 55Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 136 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 10
Package pinouts and signal descriptions
NXP Semiconductors
52
2.2
Supply pins
Table 5. Supply pins
Supply
Pin #
Symbol
Description
144
pkg
257
pkg
VREG control and power supply pins
BCTRL
Voltage regulator external NPN ballast base control pin
69
R13
VDD_LV_COR
Core logic supply
70
VDD_LV1
VSS_LV_COR
Core regulator ground
71
VSS_LV2
VDD_HV_PMU
Voltage regulator supply
72
U14
ADC_0/ADC_1 reference voltage and ADC supply
VDD_HV_ADR0 ADC_0 high reference voltage
50
R7
VSS_HV_ADR0 ADC_0 low reference voltage
51
T7
VDD_HV_ADR1 ADC_1 high reference voltage
56
R9
VSS_HV_ADR1 ADC_1 low reference voltage
57
T9
VDD_HV_ADV
ADC voltage supply for ADC_0 and ADC_1
58
U9
VSS_HV_ADV
ADC ground for ADC_0 and ADC_1
59
U10
Power supply pins (3.3 V)
VDD_HV_IO
3.3 V Input/Output supply voltage
6
VDD_HV3
VSS_HV_IO
3.3 V Input/Output ground
7
VSS_HV4
VDD_HV_REG_0 VDD_HV_REG_0
16
J3
VDD_HV_IO
3.3 V Input/Output supply voltage
21
VDD_HV3
VSS_HV_IO
3.3 V Input/Output ground
22
VSS_HV4
VDD_HV_OSC
Crystal oscillator amplifier supply voltage
27
M1
VSS_HV_OSC
Crystal oscillator amplifier ground
28
P1
VSS_HV_IO
3.3 V Input/Output ground
90
VSS_HV4
VDD_HV_IO
3.3 V Input/Output supply voltage
91
VDD_HV3
VDD_HV_REG_1 VDD_HV_REG_1
95
H15
VSS_HV_FLA
VSS_HV_FLA
96
J16
VDD_HV_FLA
VDD_HV_FLA
97
H16
VDD_HV_IO
VDD_HV_IO
126
VDD_HV3
VSS_HV_IO
VSS_HV_IO
127
VSS_HV4
VDD_HV_REG_2 VDD_HV_REG_2
130
C7
Power supply pins (1.2 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com