Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5643LFAMLL6R Datasheet(PDF) 77 Page - NXP Semiconductors

Part # SPC5643LFAMLL6R
Description  MPC5643L Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SPC5643LFAMLL6R Datasheet(HTML) 77 Page - NXP Semiconductors

Back Button SPC5643LFAMLL6R Datasheet HTML 73Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 74Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 75Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 76Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 77Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 78Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 79Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 80Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 136 page
background image
Electrical characteristics
MPC5643L Microcontroller Data Sheet, Rev. 10
NXP Semiconductors
77
3.3
Recommended operating conditions
TVDD
SR
Supply ramp rate
—
3.0 × 10-6
(3.0 V/sec)
0.5 V/
μsV/μs
VIN
SR
Voltage on any pin with respect to ground
(VSS_HV_IOx)
—–0.3
6.05
V
Relative to VDD
–0.3
VDD +0.3
5,6
IINJPAD
SR
Injected input current on any pin during
overload condition
—
–10
10
mA
IINJSUM
SR
Absolute sum of all injected input currents
during overload condition
—
–50
50
mA
TSTG
SR
Storage temperature
—
–55
150
°C
1 Functional operating conditions are given in the DC electrical characteristics. Absolute maximum ratings are stress
ratings only, and functional operation at the maxima is not guaranteed. Stress beyond the listed maxima may affect
device reliability or cause permanent damage to the device.
2 5.3 V for 10 hours cumulative over lifetime of device, 3.3 V +10% for time remaining.
3 Voltage overshoots during a high-to-low or low-to-high transition must not exceed 10 seconds per instance.
4 6.4 V for 10 hours cumulative time, 6.0 V for time remaining.
5 Internal structures hold the input voltage less than the maximum voltage on all pads powered by VDDE supplies, if the
maximum injection current specification is met and VDDE is within the operating voltage specifications.
6 Only when V
DD < 5.2 V.
Table 9. Recommended operating conditions (3.3 V)
Symbol
Parameter
Conditions
Min1
Max
Unit
VDD_HV_REG
SR 3.3 V voltage regulator supply voltage
—
3.0
3.63
V
VDD_HV_IOx
SR 3.3 V input/output supply voltage
—
3.0
3.63
V
VSS_HV_IOx
SR Input/output ground voltage
—
0
0
V
VDD_HV_FLA
SR 3.3 V flash supply voltage
—
3.0
3.63
V
VSS_HV_FLA
SR Flash memory ground
—
0
0
V
VDD_HV_OSC
SR 3.3 V crystal oscillator amplifier supply voltage
—
3.0
3.63
V
VSS_HV_OSC
SR 3.3 V crystal oscillator amplifier reference voltage
—
0
0
V
VDD_HV_ADR0
2,3
VDD_HV_ADR1
SR 3.3 V / 5.0 V ADC_0 high reference voltage
3.3 V / 5.0 V ADC_1 high reference voltage
—
4.5 to 5.5 or
3.0 to 3.63
V
VDD_HV_ADV
SR 3.3 V ADC supply voltage
—
3.0
3.63
V
VSS_HV_AD0
VSS_HV_AD1
SR ADC_0 ground and low reference voltage
ADC_1 ground and low reference voltage
—0
0
V
VSS_HV_ADV
SR 3.3 V ADC supply ground
—
0
0
V
VDD_LV_REGCOR
4 SR Internal supply voltage
—
—
—
V
VSS_LV_REGCOR
5 SR Internal reference voltage
—
0
0
V
VDD_LV_CORx
2
SR Internal supply voltage
—
—
—
V
Table 8. Absolute maximum ratings1 (continued)
Symbol
Parameter
Conditions
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com