Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5643LFAMLL6R Datasheet(PDF) 85 Page - NXP Semiconductors

Part # SPC5643LFAMLL6R
Description  MPC5643L Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SPC5643LFAMLL6R Datasheet(HTML) 85 Page - NXP Semiconductors

Back Button SPC5643LFAMLL6R Datasheet HTML 81Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 82Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 83Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 84Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 85Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 86Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 87Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 88Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 89Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 136 page
background image
Electrical characteristics
MPC5643L Microcontroller Data Sheet, Rev. 10
NXP Semiconductors
85
—
D
Digital supply low voltage
detector lower threshold
After a destructive reset
initialization phase
completion
1.080
—
1.140
V
—
D
Digital supply low voltage
detector upper threshold
After a destructive reset
initialization phase
completion
1.16
—
1.22
V
—
D
Digital supply low voltage
detector lower threshold
Before a destructive
reset initialization phase
1.080
—
1.226
V
—
D
Digital supply low voltage
detector upper threshold
Before a destructive
reset initialization phase
1.160
—
1.306
V
—
D
POR rising/ falling supply
threshold voltage
—1.6
—2.6
V
—
SR
Supply ramp rate
—
3 V/s
—
0.5 V/µs
—
—
D
LVD_MAIN: Time
constant of RC filter at
LVD input
3.3V noise rejection at the
input of
LVD comparator
1.1
—
—
µs
—
D
HVD_DIG: Time constant
of RC filter at LVD input
1.2V noise rejection at the
input of
LVD comparator
0.1
—
—
µs
—
D
LVD_DIG: Time constant
of RC filter at LVD input
1.2V noise rejection at the
input of
LVD comparator
0.1
—
—
µs
Table 18. Voltage regulator electrical specifications (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com