Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5643LFAMLL6R Datasheet(PDF) 83 Page - NXP Semiconductors

Part # SPC5643LFAMLL6R
Description  MPC5643L Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SPC5643LFAMLL6R Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button SPC5643LFAMLL6R Datasheet HTML 79Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 80Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 81Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 82Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 83Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 84Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 85Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 86Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 136 page
background image
Electrical characteristics
MPC5643L Microcontroller Data Sheet, Rev. 10
NXP Semiconductors
83
3.7
Static latch-up (LU)
Two complementary static tests are required on six parts to assess the latch-up performance:
•
A supply overvoltage is applied to each power supply pin.
•
A current injection is applied to each input, output and configurable I/O pin.
These tests are compliant with the EIA/JESD 78 IC latch-up standard.
3.8
Voltage regulator electrical characteristics
The voltage regulator is composed of the following blocks:
•
High power regulator HPREG1 (internal ballast to support core current)
•
High power regulator HPREG2 (external NPN to support core current)
•
Low voltage detector (LVD_MAIN_1) for 3.3 V supply to IO (VDDIO)
•
Low voltage detector (LVD_MAIN_2) for 3.3 V supply (VDDREG)
•
Low voltage detector (LVD_MAIN_3) for 3.3 V flash supply (VDDFLASH)
•
Low voltage detector (LVD_DIG_MAIN) for 1.2 V digital core supply (HPVDD)
•
Low voltage detector (LVD_DIG_BKUP) for the self-test of LVD_DIG_MAIN
•
High voltage detector (HVD_DIG_MAIN) for 1.2 V digital CORE supply (HPVDD)
•
High voltage detector (HVD_DIG_BKUP) for the self-test of HVD_DIG_MAIN.
•Power on Reset (POR)
HPREG1 uses an internal ballast to support the core current. HPREG2 is used only when external NPN transistor is present on
board to supply core current. The MPC5643L always powers up using HPREG1 if an external NPN transistor is present. Then
the MPC5643L makes a transition from HPREG1 to HPREG2. This transition is dynamic. Once HPREG2 is fully operational,
the controller part of HPREG1 is switched off.
The following bipolar transistors are supported:
•
BCP68 from ON Semiconductor
•
BCX68 from Infineon
3 Data based on characterization results, not tested in production.
Table 16. Latch-up results
No.
Symbol
Parameter
Conditions
Class
1
LU
SR
Static latch-up class
TA = 125 °C conforming to JESD 78
II level A
Table 17. Recommended operating characteristics
Symbol
Parameter
Value
Unit
hFE( )
DC current gain (Beta)
85 - 375
—
PD
Maximum power dissipation @
TA=25°C
1
1 derating factor 12mW/degC
1.5
W
ICMaxDC
Maximum peak collector current
1.0
A
VCESAT
Collector-to-emitter saturation
voltage(Max)
6002
mV
VBE
Base-to-emitter voltage (Max)
1.0
V
β



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com