Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5643LFAMLL6R Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SPC5643LFAMLL6R
Description  MPC5643L Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SPC5643LFAMLL6R Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SPC5643LFAMLL6R Datasheet HTML 5Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 6Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 7Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 8Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 9Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 10Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 11Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 12Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 136 page
background image
Introduction
MPC5643L Microcontroller Data Sheet, Rev. 10
NXP Semiconductors
9
•
Transfer control descriptors mapped inside the SRAM
The eDMA controller is replicated for each processing channel.
1.5.5
On-chip flash memory with ECC
This device includes programmable, non-volatile flash memory. The non-volatile memory (NVM) can be used for instruction
storage or data storage, or both. The flash memory module interfaces with the system bus through a dedicated flash memory
array controller. It supports a 64-bit data bus width at the system bus port, and a 128-bit read data interface to flash memory.
The module contains four 128-bit prefetch buffers. Prefetch buffer hits allow no-wait responses. Buffer misses incur a 3 wait
state response at 120 MHz.
The flash memory module provides the following features
•
1 MB of flash memory in unique multi-partitioned hard macro
•
Sectorization: 16 KB + 2 × 48 KB + 16 KB + 2 × 64 KB + 2 × 128 KB + 2 × 256 KB
•
EEPROM emulation (in software) within same module but on different partition
•
16 KB test sector and 16 KB shadow block for test, censorship device and user option bits
•
Wait states:
— 3 wait states for frequencies =< 120 MHz
— 2 wait states for frequencies =< 80 MHz
— 1 wait state for frequencies =< 60 MHz
•
Flash memory line 128-bit wide with 8-bit ECC on 64-bit word (total 144 bits)
•
Accessed via a 64-bit wide bus for write and a 128-bit wide array for read operations
•
1-bit error correction, 2-bit error detection
1.5.6
On-chip SRAM with ECC
The MPC5643L SRAM provides a general-purpose single port memory.
ECC handling is done on a 32-bit boundary for data and it is extended to the address to have the highest possible diagnostic
coverage including the array internal address decoder.
The SRAM module provides the following features:
•
System SRAM: 128 KB
•
ECC on 32-bit word (syndrome of 7 bits)
— ECC covers SRAM bus address
•
1-bit error correction, 2-bit error detection
•
Wait states:
— 1 wait state for frequencies =< 120 MHz
— 0 wait states for frequencies =< 80 MHz
1.5.7
Platform flash memory controller
The following list summarizes the key features of the flash memory controller:
•
Single AHB port interface supports a 64-bit data bus. All AHB aligned and unaligned reads within the 32-bit container
are supported. Only aligned word writes are supported.
•
Array interfaces support a 128-bit read data bus and a 64-bit write data bus for each bank.
•
Code flash (bank0) interface provides configurable read buffering and page prefetch support.
— Four page-read buffers (each 128 bits wide) and a prefetch controller support speculative reading and optimized
flash access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com