Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5643LFAMLL6R Datasheet(PDF) 82 Page - NXP Semiconductors

Part # SPC5643LFAMLL6R
Description  MPC5643L Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SPC5643LFAMLL6R Datasheet(HTML) 82 Page - NXP Semiconductors

Back Button SPC5643LFAMLL6R Datasheet HTML 78Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 79Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 80Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 81Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 82Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 83Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 84Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 85Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 86Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 136 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 10
Electrical characteristics
NXP Semiconductors
82
EMC testing was performed and documented according to these standards: [IEC61508-2-7.4.5.1.b, IEC61508-2-7.2.3.2.e,
IEC61508-2-Table-A.17 (partially), IEC61508-2-Table-B.5(partially),SRS2110]
EME testing was performed and documented according to these standards: [IEC 61967-2 & -4]
EMS testing was performed and documented according to these standards: [IEC 62132-2 & -4]
Refer MPC5643L for detailed information pertaining to the EMC, EME, and EMS testing and results.
3.6
Electrostatic discharge (ESD) characteristics
Electrostatic discharges (a positive then a negative pulse separated by 1 second) are applied to the pins of each sample according
to each pin combination. The sample size depends on the number of supply pins in the device (3 parts × (n + 1) supply pin).
This test conforms to the AEC-Q100-002/-003/-011 standard.
Table 14. EMI emission testing specifications
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VEME
CC Radiated emissions
Configuration A; frequency range
150 kHz–50 MHz
—16—
dB
μV
Configuration A; frequency range
50–150 MHz
—16—
Configuration A; frequency range
150–500 MHz
—32—
Configuration A; frequency range
500–1000 MHz
—25—
Configuration B; frequency range
50–150 MHz
—15—
Configuration B; frequency range
50–150 MHz
—21—
Configuration B; frequency range
150–500 MHz
—30—
Configuration B; frequency range
500–1000 MHz
—24—
Table 15. ESD ratings1, 2
1 All ESD testing is in conformity with CDF-AEC-Q100 Stress Test Qualification for Automotive Grade Integrated
Circuits.
2 A device will be defined as a failure if after exposure to ESD pulses the device no longer meets the device
specification requirements. Complete DC parametric and functional testing shall be performed per applicable
device specification at room temperature followed by hot temperature, unless specified otherwise in the device
specification.
No.
Symbol
Parameter
Conditions
Class
Max value3
Unit
1VESD(HBM)
SR Electrostatic discharge
(Human Body Model)
TA =25 °C
conforming to AEC-Q100-002
H1C
2000
V
2VESD(MM)
SR Electrostatic discharge
(Machine Model)
TA =25 °C
conforming to AEC-Q100-003
M2
200
V
3VESD(CDM)
SR Electrostatic discharge
(Charged Device Model)
TA =25 °C
conforming to AEC-Q100-011
C3A
500
V
750 (corners)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com