Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5643LFAMLL6R Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SPC5643LFAMLL6R
Description  MPC5643L Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SPC5643LFAMLL6R Datasheet(HTML) 4 Page - NXP Semiconductors

  SPC5643LFAMLL6R Datasheet HTML 1Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 2Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 3Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 4Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 5Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 6Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 7Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 8Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 136 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 10
Introduction
NXP Semiconductors
4
Memory
Flash
1 MB, ECC, RWW
Static RAM (SRAM)
128 KB, ECC
Modules
Interrupt Controller (INTC)
16 interrupt levels, replicated module
Periodic Interrupt Timer (PIT)
1 × 4 channels
System Timer Module (STM)
1 × 4 channels, replicated module
Software Watchdog Timer (SWT)
Yes, replicated module
eDMA
16 channels, replicated module
FlexRay
1 × 64 message buffers, dual channel
FlexCAN
2 × 32 message buffers
LINFlexD (UART and LIN with DMA support)
2
Clock out
Yes
Fault Collection and Control Unit (FCCU)
Yes
Cross Triggering Unit (CTU)
Yes
eTimer
3 × 6 channels1
FlexPWM
2 Module 4 × (2 + 1) channels2
Analog-to-Digital Converter (ADC)
2 × 12-bit ADC, 16 channels per ADC
(3 internal, 4 shared and 9 external)
Sine Wave Generator (SWG)
32 point
Modules
(cont.)
Deserial Serial Peripheral Interface (DSPI)
3 × DSPI
as many as 8 chip selects
Cyclic Redundancy Checker (CRC) unit
Yes
Junction temperature sensor (TSENS)
Yes, replicated module
Digital I/Os
≥ 16
Supply
Device power supply
3.3 V with integrated bypassable ballast transistor
External ballast transistor not needed for bare die
Analog reference voltage
3.0 V – 3.6 V and 4.5 V – 5.5 V
Clocking
Frequency-modulated phase-locked loop (FMPLL)
2
Internal RC oscillator
16 MHz
External crystal oscillator
4 – 40 MHz
Debug
Nexus
Level 3+
Table 1. MPC5643L device summary (continued)
Feature
MPC5643L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com