Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5643LFAMLL6R Datasheet(PDF) 84 Page - NXP Semiconductors

Part # SPC5643LFAMLL6R
Description  MPC5643L Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SPC5643LFAMLL6R Datasheet(HTML) 84 Page - NXP Semiconductors

Back Button SPC5643LFAMLL6R Datasheet HTML 80Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 81Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 82Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 83Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 84Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 85Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 86Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 87Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 88Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 136 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 10
Electrical characteristics
NXP Semiconductors
84
The recommended external ballast transistor is the bipolar transistor BCP68 with the gain range of 85 up to 375 (for IC=500mA,
VCE=1V) provided by several suppliers. This includes the gain variations BCP68-10, BCP68-16 and BCP68-25.The most
important parameters for the interoperability with the integrated voltage regulator are the DC current gain (hFE) and the
temperature coefficient of the gain (XTB). While the specified gain range of most BCP68 vendors is the same, there are slight
variations in the temperature coefficient parameter. MPC5643L Voltage regulator operation was simulated against the typical
variation on temperature coefficient and against the specified gain range to have a robust design.
2 Adjust resistor at bipolar transistor collector for 3.3V to avoid VCE<VCE
SAT
Table 18. Voltage regulator electrical specifications
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Cext
External decoupling/
stability capacitor
Min, max values shall be
granted with respect to
tolerance, voltage,
temperature, and aging
variations.
12
—40
µF
SR
Combined ESR of
external capacitor
—1
—
100
m
Ω
SR
Number of pins for
external decoupling/
stability capacitor
—5
——
—
CV1V2
SR
Total capacitance on
1.2 V pins
Ceramic capacitors,
taking into account
tolerance, aging, voltage
and temperature variation
300
—
900
nF
tSU
Start-up time after main
supply stabilization
Cload =10 µF×4
—
—2.5
ms
—
Main High Voltage Power -
Low Voltage Detection,
upper threshold
——
—2.93
V
—
D
Main supply low voltage
detector, lower threshold
—2.6
——
V
—
D
Digital supply high voltage
detector upper threshold
Before a destructive reset
initialization phase
completion
1.355
—1.495
V
After a destructive reset
initialization phase
completion
1.39
—1.47
—
D
Digital supply high voltage
detector lower threshold
Before a destructive reset
initialization phase
completion
1.315
—1.455
V
After a destructive reset
initialization phase
completion
1.35
—1.38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com