| Electronic Components Datasheet Search |
|
SPC5643LFAMLL6R Datasheet(PDF) 16 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SPC5643LFAMLL6R Datasheet(HTML) 16 Page - NXP Semiconductors |
|
16 / 136 page ![]() MPC5643L Microcontroller Data Sheet, Rev. 10 Introduction NXP Semiconductors 16 — Individual programmable filters for each mailbox — 8 mailboxes configurable as a 6-entry receive FIFO — 8 programmable acceptance filters for receive FIFO • Programmable clock source — System clock — Direct oscillator clock to avoid FMPLL jitter 1.5.27 FlexRay The FlexRay module provides the following features: • Full implementation of FlexRay Protocol Specification 2.1 Rev. A • 64 configurable message buffers can be handled • Dual channel or single channel mode of operation, each as fast as 10 Mbit/s data rate • Message buffers configurable as transmit or receive • Message buffer size configurable • Message filtering for all message buffers based on Frame ID, cycle count, and message ID • Programmable acceptance filters for receive FIFO • Message buffer header, status, and payload data stored in system memory (SRAM) • Internal FlexRay memories have error detection and correction 1.5.28 Serial communication interface module (LINFlexD) The LINFlexD module (LINFlex with DMA support) on this device features the following: • Supports LIN Master mode, LIN Slave mode and UART mode • LIN state machine compliant to LIN1.3, 2.0, and 2.1 specifications • Manages LIN frame transmission and reception without CPU intervention • LIN features — Autonomous LIN frame handling — Message buffer to store as many as 8 data bytes — Supports messages as long as 64 bytes — Detection and flagging of LIN errors (Sync field, delimiter, ID parity, bit framing, checksum and Time-out errors) — Classic or extended checksum calculation — Configurable break duration of up to 50-bit times — Programmable baud rate prescalers (13-bit mantissa, 4-bit fractional) — Diagnostic features (Loop back, LIN bus stuck dominant detection) — Interrupt driven operation with 16 interrupt sources • LIN slave mode features — Autonomous LIN header handling — Autonomous LIN response handling • UART mode — Full-duplex operation — Standard non return-to-zero (NRZ) mark/space format — Data buffers with 4-byte receive, 4-byte transmit — Configurable word length (8-bit, 9-bit, 16-bit, or 17-bit words) — Configurable parity scheme: none, odd, even, always 0 — Speed as fast as 2 Mbit/s |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |