Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5643LFAMLL6R Datasheet(PDF) 127 Page - NXP Semiconductors

Part # SPC5643LFAMLL6R
Description  MPC5643L Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SPC5643LFAMLL6R Datasheet(HTML) 127 Page - NXP Semiconductors

Back Button SPC5643LFAMLL6R Datasheet HTML 123Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 124Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 125Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 126Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 127Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 128Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 129Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 130Page - NXP Semiconductors SPC5643LFAMLL6R Datasheet HTML 131Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 136 page
background image
Document revision history
MPC5643L Microcontroller Data Sheet, Rev. 10
NXP Semiconductors
127
6
Document revision history
Table 41 summarizes revisions to this document.
Table 41. Revision history
Revision
Date
Description of changes
1
2 Mar 2009
Initial release.
2
5 May 2009
Updated, Advance Information.
—Revised SINAD/SNR specifications.
— Updated pinout and pin multiplexing information.
3
5 Oct 2009
Updated, Advance Information, Public release.
— Throughout this document, added information for 257 MAPBGA package.
— Updated Table 1, MPC5643L device summary.
— Updated Section 1.3, Feature Details.
— Updated pin-out and pin multiplexing tables.
— In Section 3, Electrical characteristics, added symbols for signal characterization
methods.
— In Table 8, updated maximum ratings.
— In Table 10 and Table 11, removed moving-air thermal characteristics.
— Updated Section 3.8, Voltage regulator electrical characteristics.
— Updated Section 3.14, ADC electrical characteristics.
— Updated Section 3.15, Flash memory electrical characteristics.
— Updated Section 3.17.1, RESET pin characteristics.
— Removed External interrupt timing (IRQ pin) timing specifications.
— Updated Section 3.17.6, DSPI timing.
— Updated Section 5, Ordering information.
4
2 Mar 2010
Editorial changes and improvements.
Revised the 257-pin package pin pitch (was 1.4 mm, is 0.8 mm).
In the Overview section:
• Renamed the peripheral bridge to “PBRIDGE”.
• Revised the information for FlexRay.
• Revised the “Clock, reset, power, mode and test control module” section.
• Revised the “Platform memory access time summary” table and replaced TBDs by
meaningful values.
Extensive revisions to signal descriptions and pin muxing information.
In the “ conditions (3.3 V)” table, changed the specification for VDD_HV_ADR0 and
VDD_HV_ADR1 (was “...3.3 V”, is “...3.6 V”).
Revised the “EMI testing specifications” table.
In the “HPREG1, HPREG2, Main LVDs, Digital HVD, and Digital LVD electrical
specifications” table, added a specification for the digital low voltage detector upper
threshold.
Revised the “FMPLL electrical characteristics” table.
In the “Main oscillator electrical characteristics” table, changed the maximum specification
for gmXOSCHS (was 11 mA/V, is 11.8 mA/V).
Revised the “ADC electrical characteristics” section.
In the “ADC conversion characteristics” table:
• Changed the tADC_S specification (was TBD, is minimum of 383 ns).
• Added the footnote “No missing codes” to the DNL specification.
• Added specifications for SNR, THD, SINAD, and ENOB.
Revised the “Ordering information” section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com