Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS64 Datasheet(PDF) 5 Page - Summit Microelectronics, Inc.

Part # SMS64
Description  Six-Channel Supply Monitor and Sequencing Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS64 Datasheet(HTML) 5 Page - Summit Microelectronics, Inc.

  SMS64 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
SMS64
Preliminary
Summit Microelectronics, Inc
2060 2.22 10/09/03
5
Pin
Number
Pin
Type
Pin Name
Pin Description
24
PWR
GND
GND is the ground for both the analog and digital portions of the internal
circuitry. It is internally tied to pin 15. (Both pins should be tied to system ground).
25
O
IRQ#
The interrupt output is an active low open-drain output. It will be driven low
whenever the Watchdog timer times out or whenever an enabled under-voltage or
over-voltage condition on a VM input exists.
The IRQ# signal is held in an inactive state during the power-on and
power-off sequence.
26
O
RST_B#
During the power-on sequence RST_B# will be asserted (driven low) until the
entire power-on sequence has been completed and the programmable reset
interval timer (tPRTO) has elapsed.
RST_B# will be forced low by asserting the MR# input. It will remain low so long
as the MR# input is low plus the programmed reset time out period for RST_B#.
RST_B#
will be asserted whenever an enabled UV/OV condition exists.
RST_B# will remain active so long as the UV/OV condition exists and tPRTO expires.
The RST_B# is an active low open drain output.
27
O
RST_A#
During the power-on sequence RST_A# will be driven low and will remain low
until a selected PUP output has become active. and the triggers for RST_A# are
inactive. In this manner the RST_A# can be used to release a portion of the circuitry
from reset before the entire system is energized.
RST_A# will be forced low by asserting the MR# input. It will remain low so long
as the MR# input is low plus the programmed reset time out period for RST_A#.
RST_A#
will be asserted whenever an enabled UV/OV condition exists.
RST_A# will remain active so long as the UV/OV condition exists and tPRTO expires.
The RST_A# is an active low open drain output.
28
O
HEALTHY#
The healthy output is used to signal that the VM inputs are not generating any
under-voltage or over-voltage conditions.
30
I
WLDI
WLDI is the Watchdog and Longdog timers’ interrupt input. A low to high
transition on the WLDI input will clear both the Watchdog and Longdog timers,
effectively starting a new time-out period.
If WLDI is stuck low and no low-to-high transition is received within the
programmed tPWDTO period (programmed watch dog time-out) IRQ# will be driven
low. If a transition is still not received within the programmed tPLDTO period
(programmed Longdog time-out) RESET# will be driven low. Refer to Figure 5 for a
detailed illustration.
Holding WLDI high will block interrupts from occurring but will not block the
Longdog from timing out and generating a reset. Refer to Figure 3 for a detailed
illustration of the relationship between IRQ#, RESET#, and WLDI.
31
I
VMA
32
I
VMB
33
I
VMC
34
I
VMD
35
I
VME
36
I
VMF
The VM pins are the voltage monitor inputs.
The input voltage is either
compared to a programmed threshold voltage (VPTH) or it can be compared to a
preset reference voltage of 0.5V.
PIN DESCRIPTIONS CONT’D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com