Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS64 Datasheet(PDF) 18 Page - Summit Microelectronics, Inc.

Part # SMS64
Description  Six-Channel Supply Monitor and Sequencing Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS64 Datasheet(HTML) 18 Page - Summit Microelectronics, Inc.

Back Button SMS64 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 15Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 16Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 17Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 18Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 19Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 20Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 21Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 22Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
SMS64
Preliminary
Summit Microelectronics, Inc
2060 2.22 10/09/03
18
Additional Considerations
An example application circuit is shown in Figure
11. Additional optional noise bypassing components
are shown for the VMX monitor pins.
These
components consist of ferrite bead inductors and
capacitors.
They may be necessary in very noisy
systems
where
tight
undervoltage/overvoltage
tolerances are needed.
The PUP output pins require series resistors to drive
the gates of the power mosfets. Gate capacitors (C27
thru C32) are also recommended to prevent initial
mosfet, LDO or dc-dc converter turn-on during the
SMS64 power on sequence. To minimize transient
power surges in hot-swappable line card designs,
place a 0.01
µF (10nF), 25V, ceramic capacitor on
each PUP output pin to ground.
The PUP output level is programmable to either
logic-level, 10.5V or 14V depending on the type of
power component used in the system. To minimize
the voltage drop across the power mosfets, the device
needs to be fully enhanced to minimize RDS(ON).
However, some mosfets have maximum VGS
specifications of 15V while others are 20V.
For
improved sequencing performance with the SMS64, it
is recommended to use the lower rated VGS devices
with the PUP outputs set to 10.5V instead of 14V. The
industry trend for power mosfets is toward lower VGS
specs
while
also
maintaining
low
RDS(ON)
specifications.
VM
B,E
VCC
A
VCC
B
PUP
A
VM
A,D
PUP
B
VM
C,F
PUP
C
RST_A#
RST_B#
IRQ#
HEALTHY#
PW R_ON/OFF
Sequence
Position 0
Sequence
Position 1
Sequence
Position 2
t
PRTO
Sequence
Position 0
Sequence
Position 1
Sequence
Position 2
t
DPOFFB
t
DPOFFC
V
OFF
V
OFF
V
OFF
Power-Off
Power-On
t
DPOFFA
VCC
C
t
DPONB
V
PTHB
t
DPONC
V
PTHC
t
DPONA
V
PTHA
Figure 10 - The SMS64 sequencing the supplies off then sequencing the supplies back on.
APPLICATIONS INFORMATION (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com