Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS64 Datasheet(PDF) 12 Page - Summit Microelectronics, Inc.

Part # SMS64
Description  Six-Channel Supply Monitor and Sequencing Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS64 Datasheet(HTML) 12 Page - Summit Microelectronics, Inc.

Back Button SMS64 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 15Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 16Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
SMS64
Preliminary
Summit Microelectronics, Inc
2060 2.22 10/09/03
12
The SMS64 can be configured to latch a forced
shutdown until either power is recycled to the device
or until all the VM inputs of the channels used in
sequencing have fallen below 0.8V. Note: With the
latter configuration and with the OFF sensors disabled,
the SMS64 will not latch a force shutdown command.
RST_A# OUTPUT
RST_A# has eight sources for activation (see
Figure 5). Any one of the voltage monitor UV/OV
outputs can be programmed as a source. If a selected
UV/OV condition occurs, the RST_A# output will be
driven low and remain low so long as the fault
condition is present. If the fault condition is cleared,
RST_A# will remain low for tPRTO (programmed reset
timeout period) and then return high.
If the MR# input is taken low, RST_A# will be
asserted. RST_A# will remain active so long as MR#
is low, and will continue driving the RST_A# output for
tPRTO after MR# returns high. The affect of the MR#
input on RSTA# cannot be bypassed or disabled.
If the Longdog timer is enabled, RST_A# will be
driven low and remain low for tPRTO after a Longdog
time out period.
During power-on sequencing RST_A# can be
cleared by a selected PUP output going active,
provided there are no other RST_A# triggers active
and that RST_A# has been triggered prior to this
event.. This allows RST_A# to be cleared prior to
RST_B#: thereby, providing a mechanism to bring one
portion of circuitry out of reset before another.
RST_B# OUTPUT
RST_B# has eight sources for activation (see
Figure 5). Any one of the voltage monitor UV/OV
outputs can be programmed as a source. If a selected
UV/OV condition occurs, the RST_B# output will be
driven low and remain low so long as the fault
condition is present. If the fault condition is cleared,
RST_B# will remain low for tPRTO and then return high.
If the MR# input is taken low, RST_B# will be
asserted. RST_B# will remain active so long as MR#
is low, and will continue driving the RST_B# output for
tPRTO after MR# returns high. The affect of the MR#
input on RSTB# cannot be bypassed or disabled.
If the Longdog timer is enabled, RST_B# will be
driven low and remain low for tPRTO after a Longdog
time out period.
IRQ# OUTPUT
The IRQ# circuitry is disabled during power-on
sequencing until all reset have cleared and the reset
interval (tPRTO) has timed out.
This allows the
application circuit to become fully operational before
an interrupt can occur. Interrupts are also disabled
during power-off sequencing and whenever the FS#
input is asserted.
IRQ# has seven sources of activation (see Figure
5). Any one of the voltage monitor UV/OV outputs can
be programmed as a source. If a selected UV/OV
condition occurs, the IRQ# output will be driven low
and remain low so long as the fault condition is
present.
The IRQ# output will be asserted if the Watchdog
timer times out. The Watchdog timer can be bypassed
by programming it off.
After the UV/OV condition has cleared or after the
Watchdog timer times out, the IRQ# output can be
cleared by two events. If either RST_A# or RST_B#
times out and returns high, the IRQ# output will be
cleared. The IRQ# output will also be cleared by a low
to high transition on the WLDI input. IRQ# can be
cleared under software control by writing 10[HEX] to the
command register.
HEALTHY# OUTPUT
The HEALTHY# output reflects the state of all of
the VM inputs (see Figure 5). The HEALTHY# output
will be driven low if there are no fault conditions
present.
APPLICATIONS INFORMATION (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com