Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS64 Datasheet(PDF) 15 Page - Summit Microelectronics, Inc.

Part # SMS64
Description  Six-Channel Supply Monitor and Sequencing Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS64 Datasheet(HTML) 15 Page - Summit Microelectronics, Inc.

Back Button SMS64 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 15Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 16Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 17Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 18Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 19Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
SMS64
Preliminary
Summit Microelectronics, Inc
2060 2.22 10/09/03
15
COMMAND REGISTER
The command register (slave address 1001 [BIN]
register address 0F [HEX]) contains 4 bits used for
software control of several functions in the SMS64
(see Figure 7). Each of these functions is activated by
writing a 1 to the function’s bit in the command register
(listed below). Only one command can be issued at a
time; therefore, only data bytes 80[HEX], 40[HEX], 20[HEX],
10[HEX] and 00[HEX] should be written to the command
register. The command register is volatile and will be
cleared when power is removed.
Bit 7 is the power-on bit. When active it will initiate a
power-on sequence.
Bit 6 is the power-off bit. When active it will initiate a
power-off sequence.
Bit 5 is OR’ed with the FS# pin. When active it will
turn off all PUP outputs.
Bit 4 is OR’ed with the WLDI pin. When active it will
clear both the Longdog and Watchdog timers and
block interrupts.
FAULT and STATUS REGISTERS
The fault and status registers (see Figure 7) are
volatile registers which reflect the conditions of the VM
inputs.
In either register a fault condition (under-
voltage or over-voltage) is represented as a “1”.
The Fault register (located at register address 0D
[HEX]) latches the state of the VM inputs when an IRQ#
is generated.
The Status register (located at register address 0E
[HEX]) reflects the current state of the VM inputs.
CONFIGURATION REGISTERS
The SMS64 has 24 configuration registers that
allow programming voltage thresholds, timer values,
sequencing order and output configurations. All of
these registers are accessible over the I
2C serial
interface.
For prototyping purposes, Summit can provide a
programming cable (SMX3200) that interfaces a PC
parallel port to the serial interface of the SMS64 (see
the ‘Development Hardware and Software’ section).
Summit provides software that can be downloaded
from its website without charge.
The software
provides
an
intuitive
graphical
user
interface
comprised of drop-down menus that make selecting
options straightforward, thereby eliminating the need
to understand the register configurations in detail.
MEMORY ARRAY
The SMS64 has 4-K bits of nonvolatile memory
that is accessible over the 2-wire serial interface. This
memory can be used in a dynamic manner by the host
processor or it could be used to store board
configuration
information
or
board
identification
information. The slave address used to access the
memory can be configured as 1010 [BIN] or 1011 [BIN].
The memory array can be read whenever chip
select is enabled (CS# low). In order to prevent
inadvertent writes, memory writes are blocked when
either RST_A# or RST_B# are active. Therefore, the
memory can only be written after the device has
performed a power-on operation, the reset outputs
(RST_A# and RST_B#) have timed out and before the
device has been issued a force shutdown or power-off
command. MR# must also be high.
7
6
5
4
3
2
1
0
Command Register
1 = FS
1 = PWR_DOWN
1 = PWR_UP
1 = WLDI
UV/OV
A
UV/OV
B
UV/OV
C
UV/OV
D
UV/OV
E
UV/OV
F
5
4
3
2
1
0
Fault & Status Register
Figure 7 – Command and Status Registers
APPLICATIONS INFORMATION (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com