Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS64 Datasheet(PDF) 6 Page - Summit Microelectronics, Inc.

Part # SMS64
Description  Six-Channel Supply Monitor and Sequencing Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS64 Datasheet(HTML) 6 Page - Summit Microelectronics, Inc.

Back Button SMS64 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 10Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
SMS64
Preliminary
Summit Microelectronics, Inc
2060 2.22 10/09/03
6
Pin
Number
Pin
Type
Pin Name
Description
37
PWR
VGG_CAP
VGG_CAP is a charge storage connection for the internal charge pump
of the SMS64. This capacitor should be of sufficient size so as to provide
current, under varying load conditions, to the PUP outputs that are
programmed as high side drivers. For most applications this can be tied to a
01
µF capacitor.
40
O
PUPF
41
O
PUPE
42
O
PUPD
43
O
PUPC
45
O
PUPB
46
O
PUPA
The points of use power enable (PUP) outputs are used when cascading
or sequencing external supplies such as LDO’s DC-to-DC converters or
MOSFETs.
The output can be configured as an open drain active high or active low
output. In both configurations an external pull-up resistor is required.
The output can also be configured as a high-side driver output. The
output voltage for this configuration can be set at 10.5V or 14.5V.
PACKAGE & PIN CONFIGURATION
48 PIN TQFP
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
SMS64
VM
E
VM
D
VM
C
VM
F
VM
B
VM
A
VCC
A
VCC
C
VCC
B
VCC
D
VCC
F
VCC
E
VCC_CAP
A2
A1
CS#
HEALTHY#
RST_A#
RST_B#
IRQ#
WLDI
PIN DESCRIPTIONS CONT’D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com