Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS64 Datasheet(PDF) 4 Page - Summit Microelectronics, Inc.

Part # SMS64
Description  Six-Channel Supply Monitor and Sequencing Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS64 Datasheet(HTML) 4 Page - Summit Microelectronics, Inc.

  SMS64 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
SMS64
Preliminary
Summit Microelectronics, Inc
2060 2.22 10/09/03
4
PIN DESCRIPTIONS
Pin
Number
Pin
Type
Pin Name
Pin Description
6
PWR
VCCA
5
PWR
VCCB
4
PWR
VCCC
3
PWR
VCCD
2
PWR
VCCE
1
PWR
VCCF
The VCC inputs have two functions on the SMS64. They are used as the
power supply inputs and as such are diode-OR’ed so that at any point in time the
highest potential input will be the power source for the SMS64. So long as one of
the inputs is at or above 1V the RESET outputs will be active. For proper device
operation, including sequencing, at least one of the pins must be at or above
2.7V.
Each VCC input can be programmed as a voltage sensing input. It will only be
used as a precursor to power-on sequencing. Once it reaches its VPTH the
comparator’s source input will be switched to its corresponding VM input.
7
PWR
VCC_CAP
VCC_CAP is a charge storage connection to the SMS64’s internal power
supply. For most applications this pin is tied to a 10µF capacitor.
10
I
A2
11
I
A1
The address pins are biased either to VCC_CAP or GND.
When
communicating with the SMS64 over the 2-wire bus these pins provide a
mechanism for assigning a unique bus address.
A2 and A1 are internally
connected to VCC through a 100K
Ω resistor.
12
I
CS#
The Chip Select input is used solely for enabling communication on the 2-wire
bus. In order to write or read the registers or the memory array the CS# input
must be low. CS# is internally connected to VCC through a 100K
Ω resistor.
13
I
SCL
The SCL input is used to clock data into and out of the memory array. In the
write mode, data must remain stable while SCL is HIGH. In the read mode, data
is clocked out on the falling edge of SCL.
14
I/O
SDA
SDA is the bidirectional serial data pin. It is configured as an open drain
output and will require a pull-up resistor to VCC_CAP or a higher potential system
supply.
15
PWR
GND
GND is the ground for both the analog and digital portions of the internal
circuitry. It is internally tied to pin 24. (Both pins should be tied to system ground).
16
I
FS#
The force shutdown input is used to immediately turn off all PUP outputs. FS#
is internally connected to VCC through a 100K
Ω resistor.
17
I
PWR_
ON/OFF
The PWR_ON/OFF input is used to initiate power-on and power-off
sequencing. When the input is high and all of the programmed preconditions are
met, the SMS64 will power-on.
If the input is taken low, the SMS64 will begin the power-off operation. If
programmed to do so, the SMS64 will sequence off the PUP outputs either in the
power-on order or reverse order. PWR_ON/OFF is internally connected to VDD
through a 100K
Ω resistor.
18
I
MR#
MR# is the manual reset input. When MR# is taken low the RST_A# and
RST_B# outputs will be driven low. The RST outputs will stay low so long as the
MR# input is low, and will remain low for tPRTO after MR# returns high (so long as
no other reset conditions exist).
MR# must be low in order to write to the configuration registers and high to
write to the memory array (see descriptions on page 16).
MR# is internally
connected to VCC through a 100k
Ω pull-up resistor.
PIN DESCRIPTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com