Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS64 Datasheet(PDF) 14 Page - Summit Microelectronics, Inc.

Part # SMS64
Description  Six-Channel Supply Monitor and Sequencing Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS64 Datasheet(HTML) 14 Page - Summit Microelectronics, Inc.

Back Button SMS64 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 15Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 16Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 17Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 18Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
SMS64
Preliminary
Summit Microelectronics, Inc
2060 2.22 10/09/03
14
WATCHDOG AND LONGDOG TIMERS
The SMS64 contains two timers that can be
programmed independently. The Watchdog timer will
generate an interrupt if it times out. The Longdog timer
will generally be programmed to be of longer duration
than the Watchdog timer and will generate a reset if it
times out. Both timers are cleared by a low to high
transition on WLDI and start simultaneously.
If the Longdog times out RST_A# and RST_B# will
be driven low either until a WLDI clear is received or
until tPRTO (whichever occurs first), at which time they
will return high. When RST_A# and RST_B# return
high both timers are reset to time zero. Therefore, if
the Longdog tPLDTO is shorter than the Watchdog
tPWDTO, RST_A# and RST_B# will effectively clear the
interrupt before it can drive the output low
If WLDI is held low the timers will free-run
generating a series of interrupts and resets. If WLDI is
held high the interrupt (Watchdog) output will be
disabled and only the reset (Longdog) outputs will be
active.
Refer to Figure 6 which illustrates the action of
RST_A#, RST_B# and IRQ# with respect to the
Watchdog and Longdog timers and the WLDI input.
t
PRTO
t
PLDTO
t0
t0
t
PWDTO
t0
t0
t0
t0
t
PLDTO
t
PRTO
RST_A#
RST_B#
IRQ#
WLDI
Figure 6. Watchdog, Longdog and WLDI Timing Diagram
APPLICATIONS INFORMATION (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com