Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS64 Datasheet(PDF) 1 Page - Summit Microelectronics, Inc.

Part # SMS64
Description  Six-Channel Supply Monitor and Sequencing Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS64 Datasheet(HTML) 1 Page - Summit Microelectronics, Inc.

  SMS64 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
SMS64
Preliminary
© SUMMIT MICROELECTRONICS, Inc. 2003 • 1717 Fox Dr. • San Jose, CA 95131 • Phone 408-436-9890 • FAX 408-436-9897 • wwwsummitmicro.com
Characteristics Subject to Change Without Notice
2060 2.22 10/09/03
1
FEATURES & APPLICATIONS
• Monitors and Controls up to 6 Power
Supplies
• Programmable Sequencing for both Power-
on and Power-off
• Programmable Threshold Sensors
• Programmable Reset and Interrupt Functions
• Programmable Watchdog/Longdog Timer
• Fault and Status Registers
• 4k-Bit Nonvolatile Memory
Applications
• Monitor and Control Distributed Power and
Point of Use Power Supplies
• Telecom
• Compact PCI
• Servers
• Multi-voltage Network Processors, DSPs,
ASICs
INTRODUCTION
The SMS64 is a highly integrated power supply
monitor and controller. The SMS64 has six supply
managers, each individually programmable with
regard to threshold voltages, actions that can be taken
with either an under- or over-voltage condition and
how that manager will operate in sequencing the
power-on operation.
The managers can act independently or sequenced
with any other manager in the device.
When the
managers work together the device can control the
sequence in which power is applied to the application
circuits. Each manager is assigned to a sequence
position which allows the device to perform power
supply sequencing in any order.
For power-off
situations the SMS64 can sequence the supplies
either in the same order or reverse order from the
power-on sequence.
The SMS64 has two programmable Watchdog
timers, two programmable reset outputs and a
programmable IRQ# output.
Using the I
2C 2-wire
serial interface, a host system can communicate with
the SMS64 status register, optionally control power-on
via software and utilize 4 K-bits of nonvolatile memory.
Six-Channel Supply Monitor and Sequencing Controller
GND
V+
OUT
SET
ON/OFF
GND
V+
OUT
ON/OFF
GND
V+
OUT
SET
SHDN
3.3V
2.7V
PUP
D
ASIC
DSP
2.5V
1.8V
2.0V
1.5V
RST_A#
VCC_CAP
Pow er-On
IRQ#
HEALTHY#
GND
MR#
RESET#
SMS64
GND
V+
OUT
ON/OFF
PW R_ON/OFF
2.7V
2.7V
UP
Power Supply Sequencing and System Start-up Initialization using the SMS64
This is an example application and the specific component values are purposely not shown. The SMS64 can be used with any combination of
MOSFETs, LDOs or DC/DC converters to optimize sequencing and minimize losses in the power chain.
SIMPLIFIED APPLICATIONS DRAWING


Similar Part No. - SMS64

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMS6001 SECOS-SMS6001 Datasheet
662Kb / 4P
N-Ch Enhancement Mode Power MOSFET
SMS6001 SECOS-SMS6001_15 Datasheet
662Kb / 4P
N-Ch Enhancement Mode Power MOSFET
logo
Summit Microelectronics...
SMS66 SUMMIT-SMS66 Datasheet
1Mb / 26P
Six-Channel Power Supply Supervisor and Cacsade Sequence Controller
SMS66FR0C SUMMIT-SMS66FR0C Datasheet
1Mb / 26P
Six-Channel Power Supply Supervisor and Cacsade Sequence Controller
SMS66FR0D SUMMIT-SMS66FR0D Datasheet
1Mb / 26P
Six-Channel Power Supply Supervisor and Cacsade Sequence Controller
More results

Similar Description - SMS64

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMM665B SUMMIT-SMM665B Datasheet
867Kb / 30P
Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMS66 SUMMIT-SMS66 Datasheet
1Mb / 26P
Six-Channel Power Supply Supervisor and Cacsade Sequence Controller
logo
Linear Integrated Syste...
LTC2908 LINEAR-LTC2908 Datasheet
165Kb / 16P
Precision Six Supply Monitor
logo
Lattice Semiconductor
ISPPAC-POWR604 LATTICE-ISPPAC-POWR604 Datasheet
266Kb / 29P
In-System Programmable Power Supply Sequencing Controller and Monitor
ISPPAC-POWR1208P1 LATTICE-ISPPAC-POWR1208P1 Datasheet
448Kb / 34P
In-System Programmable Power Supply Sequencing Controller and Precision Monitor
logo
Linear Technology
LTC2908 LINER-LTC2908 Datasheet
205Kb / 16P
Precision Six Input Supply Monitor
logo
Summit Microelectronics...
SMM665C SUMMIT-SMM665C Datasheet
639Kb / 36P
Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665B SUMMIT-SMM665B_11 Datasheet
938Kb / 30P
Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665C SUMMIT-SMM665C_11 Datasheet
587Kb / 36P
Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
logo
Linear Technology
LTC2908 LINER-LTC2908_15 Datasheet
234Kb / 18P
Precision Six Input Supply Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com