Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS64 Datasheet(PDF) 7 Page - Summit Microelectronics, Inc.

Part # SMS64
Description  Six-Channel Supply Monitor and Sequencing Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS64 Datasheet(HTML) 7 Page - Summit Microelectronics, Inc.

Back Button SMS64 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 11Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
SMS64
Preliminary
Summit Microelectronics, Inc
2060 2.22 10/09/03
7
ABSOLUTE MAXIMUM RATINGS
Temperature Under Bias ...................... -55
°C to 125°C
Storage Temperature............................ -65
°C to 150°C
Terminal Voltage with Respect to GND:
VCCA, VCCB, VCCC, VCCD, VCCE, VCCF..-0.3V to 6.0V
VMA, VMB, VMC, VMD, VME, VMF...............-0.3V to 6.0V
PUPA, PUPB, PUPC, PUPD, PUPE, PUPF .............. 15.5V
All Others ......................................................VCC + 0.7V
Output Short Circuit Current ............................... 100mA
Lead Solder Temperature (10 secs).................... 300
°C
ESD Rating per JEDEC…………………………..2000V
Latch-Up testing per JEDEC……………......+/- 100mA
RECOMMENDED OPERATING CONDITIONS
Temperature Range(Ambient)...……-40
° C to +85°C
Supply Voltage………………….………2.7V to 6.0V
1/
Package Thermal Resistance (
θ JA)
48 Lead SSOP…………………………………80
oC/W
Moisture Classification Level 1 (MSL 1) per J-STD- 020
RELIABILITY CHARACTERISTICS
Data Retention…………………………..…..100 Years
Endurance…………………….……….100,000 Cycles
Stresses listed under Absolute Maximum Ratings may cause permanent
damage to the device. These are stress ratings only and functional operation
of the device at these or any other conditions outside those listed in the
operational sections of the specification is not implied. Exposure to any
absolute maximum rating for extended periods may affect device performance
and reliability.
Devices are ESD sensitive. Handling precautions are
recommended.
DC OPERATING CHARACTERISTICS
(Over recommended operating conditions, unless otherwise noted. All voltages are relative to GND.)
Symbol
Parameter
Notes
Min.
Typ.
Max
Unit
VCC
Supply Voltage VCCA, VCCB, VCCC,
VCCD, VCCE, VCCF
Device supply voltage
defined by the highest of
the six VCC inputs. Must
be > 2.7V. – Note 1/
2.7
6.0
V
IDD (ON)
Active Current with PUP
Outputs configured as
high-side drivers enabled
2
mA
IDD (Off)
Power Supply Current
Quiescent Current high-
side PUP Outputs disabled
1
mA
PVIT
Programmable Threshold (VCC and VM
Inputs)
8-bit resolution 20mV/bit
0.9
6.0
V
VTH
Fixed threshold Voltage
“naked” mode, V input
disconnected from ground
0.5
V
PUP characteristics when configured as high-side driver
Option 1 (MOSFETs on)
14.5
V
PVPUP
Programmable PUP Output
Option 2 (MOSFETs on)
10.5
V
VPUP OFF
PUP Output
IPUPSINK = 2mA
0
0.4
V
IPUP
PUP Drive Current
When configured as high-
side driver and with
MOSFET switches on
8
µA
SRPUP
PUP Slew Rate
When Configured as High
Side Driver
250
V/s
PUP characteristics when configured as a logic output
VOL
Output Low Voltage
ISINK = 2mA
0
0.4
V
All other input and output characteristics
VCC = 2.7V
0.9xVI
VI
V
VIH
Input High Voltage (FS#, PWR_ON/OFF,
MR#)
VCC = 5.0V
0.7xVI
VI
V
VCC = 2.7V
-0.1
0.1xVI
V
VIL
Input Low Voltage (FS#, PWR_ON/OFF,
MR#)
VCC = 5.0V
-0.1
0.3xVI
V
VOL
Open Drain Outputs (RST_A#, RST_B#,
IRQ#, HEALTHY#)
ISINK = 2mA
0
0.4
V
Notes: 1/ At least one of the VCC inputs needs to be at or above 2.7V for proper device operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com