Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS64 Datasheet(PDF) 3 Page - Summit Microelectronics, Inc.

Part # SMS64
Description  Six-Channel Supply Monitor and Sequencing Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS64 Datasheet(HTML) 3 Page - Summit Microelectronics, Inc.

  SMS64 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS64 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
SMS64
Preliminary
Summit Microelectronics, Inc
2060 2.22 10/09/03
3
FUNCTIONAL BLOCK DIAGRAM
PUP
Control B
Voltage
Monitor A
PUP
Control A
PUP
Control C
UV/OV
A
VCC
A
VM
A
Voltage
Monitor B
UV/OV
B
VCC
B
VM
B
Voltage
Monitor C
UV/OV
C
VCC
C
VM
C
Reset and
Interrupt
Control
Logic
RST_A#
IRQ#
WLDI
MR#
HEALTHY#
RST_B#
PUP
C
PUP
B
PUP
A
I2C Serial
Interface
SCL
SDA
13
14
11
10
A2
A1
Sequence
Control
PUP
Control E
Voltage
Monitor D
PUP
Control D
PUP
Control F
UV/OV
D
VCC
D
VM
D
Voltage
Monitor E
UV/OV
E
VCC
E
VM
E
Voltage
Monitor F
UV/OV
F
VCC
F
VM
F
PUP
F
PUP
E
PUP
D
Power
Supply
Arbitration
VGG_CAP
VCC_CAP
24
GND GND
12
CS#
6
31
5
32
4
33
3
34
2
35
1
36
7
37
28
26
18
30
25
27
46
45
43
16
FS#
42
41
40
Memory
Array
17
PW R_ON/OFF
15
100K
100K
100K
100K
VCC_CAP
VCC_CAP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com