Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89LE53RC Datasheet(PDF) 103 Page - List of Unclassifed Manufacturers

Part # STC89LE53RC
Description  STC12C5410AD
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STC89LE53RC Datasheet(HTML) 103 Page - List of Unclassifed Manufacturers

Back Button STC89LE53RC Datasheet HTML 99Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 100Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 101Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 102Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 103Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 104Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 105Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 106Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 107Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 149 page
background image
宏晶科技:www.MCU-Memory.com   Mobile:13922805190(姚永平)   Tel:0755-82948409    Fax: 0755-82944243
宏晶科技:专业单片机 / 存储器供应商   www.MCU-Memory.com   STC12C5410AD 系列 1T 8051 单片机中文指南
103
DC Specification(3.3V MCU)
Symbol
Parameter
Specification
Test
Condition
Min.
Typ.
Max.
Unit
V DD
Operating Voltage
2.0
3.3
4.0
V
IPWDN
Power Down Current
<0.1
uA
3.3V
IIDLE
Idle Current
2.0
mA
3.3V
ICC
Operating Current
4 mA
10
mA
3.3V
V IL1
Input low voltage
(P0,P1,P2,P3)
0.8
V
3.3V
V IL2
Input low voltage
(RESET,XTAL1)
1.5
V
3.3V
V IH1
Input High voltage
(P0,P1,P2,P3)
2.0
V
3.3V
V IH2
Input High voltage
(RESET)
3.0
V
3.3V
IOL1
Sinking Current
for Output Low
(P0,P1,P2,P3)
20
mA
3.3V
IOH1
Sourcing Current
for Output High
(P0,P1,P2,P3)
40
70
uA
3.3V
IOH2
Sourcing Current
for Output High
(P0,P1,P2,P3)
(Push-Pull)
20
mA
3.3V
IIL
Logic 0 input
current
(P0,P1,P2,P3)
8
50
uA
VPIN=0V
ITL
Logic 1 to 0
transition current
(P0,P1,P2,P3)
110
600
uA
VPIN=2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com