Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89LE53RC Datasheet(PDF) 113 Page - List of Unclassifed Manufacturers

Part # STC89LE53RC
Description  STC12C5410AD
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STC89LE53RC Datasheet(HTML) 113 Page - List of Unclassifed Manufacturers

Back Button STC89LE53RC Datasheet HTML 109Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 110Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 111Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 112Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 113Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 114Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 115Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 116Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 117Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 149 page
background image
宏晶科技:www.MCU-Memory.com   Mobile:13922805190(姚永平)   Tel:0755-82948409    Fax: 0755-82944243
宏晶科技:专业单片机 / 存储器供应商   www.MCU-Memory.com   STC12C5410AD 系列 1T 8051 单片机中文指南
113
SP I 状态寄存器的位分配(SP STAT – 地址:8 4 h )
SP I 状态寄存器的位描述(SP STAT – 地址:8 4 h )
位
7
6
5
4
3
2
1
0
符号
SPIF
WCOL
-
-
-
-
-
-
复位
0
0
X
X
X
X
X
X
位
符号
符号
7
SPIF
SPI 传输完成标志。当一次串行传输完成时,SPIF 置位,并当ESPI
和EA 都置位时产生中断。当SPI 处于主模式且SSIG=0 时,如果/SS 为输入
并被驱动为低电平,SPIF 也将置位。SPIF标志通过软件向其写入“1”清零。
6
WCOL
SPI 写冲突标志。在数据传输的过程中如果对SPI 数据寄存器SPDAT 执行写
操作,WCOL 将置位。WCOL 标志通过软件向其写入“1”清零。
5 - 0
-
保留
S P I 数据寄存器的位分配(S P D AT – 地址:8 6 h )
位
7
6
5
4
3
2
1
0
符号
MSB
LSB
复位
0
0
0
0
0
0
0
0
 SPDAT.7 - SPDAT.0:      传输的数据位 Bit7~Bit0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com