Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89LE53RC Datasheet(PDF) 139 Page - List of Unclassifed Manufacturers

Part # STC89LE53RC
Description  STC12C5410AD
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STC89LE53RC Datasheet(HTML) 139 Page - List of Unclassifed Manufacturers

Back Button STC89LE53RC Datasheet HTML 135Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 136Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 137Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 138Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 139Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 140Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 141Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 142Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 143Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 149 page
background image
宏晶科技:www.MCU-Memory.com   Mobile:13922805190(姚永平)   Tel:0755-82948409    Fax: 0755-82944243
宏晶科技:专业单片机 / 存储器供应商   www.MCU-Memory.com   STC12C5410AD 系列 1T 8051 单片机中文指南
139
NAME LcdDriver
¥include(STC89C51RC.h)
;**************************************************************************************
;the LCD is 1/3 duty and 1/3 bias; 3Com*24Seg; 9 display RAM;
;
;                    Bit7    Bit6   Bit5   Bit4   Bit3   Bit2   Bit1   Bit0
;Com0:  Com0Data0:   Seg7    Seg6   Seg5   Seg4   Seg3   Seg2
 Seg1   Seg0
;       Com0Data1:   Seg15   Seg14  Seg13  Seg12  Seg11  Seg10  Seg9   Seg8
;       Com0Data2:   Seg23   Seg22  Seg21  Seg20  Seg19  Seg18  Seg17  Seg16
;Com1:  Com1Data0:   Seg7    Seg6   Seg5   Seg4   Seg3   Seg2
 Seg1   Seg0
;       Com1Data1:   Seg15   Seg14  Seg13  Seg12  Seg11  Seg10  Seg9   Seg8
;       Com1Data2:   Seg23   Seg22  Seg21  Seg20  Seg19  Seg18  Seg17  Seg16
;Com2:  Com2Data0:   Seg7    Seg6   Seg5   Seg4   Seg3   Seg2
 Seg1   Seg0
;       Com2Data1:   Seg15   Seg14  Seg13  Seg12  Seg11  Seg10  Seg9   Seg8
;       Com2Data2:   Seg23   Seg22  Seg21  Seg20  Seg19  Seg18  Seg17  Seg16
;**************************************************************************************
;Com0:  P3^0,P3^1   when P3^0 = P3^1 = 1       then Com0=VCC(=5V);
;                        P3^0 = P3^1 = 0       then Com0=GND(=0V);
;                        P3^0 = 1, P3^1=0      then Com0=1/2 VCC;
;Com1:  P3^2,P3^3   the same as the Com0
;Com2:  P3^4,P3^5   the same as the Com0
;
sbit SEG0  =P0^0
sbit SEG1  =P0^1
sbit SEG2  =P0^2
sbit SEG3  =P0^3
sbit SEG4  =P0^4
sbit SEG5  =P0^5
sbit SEG6  =P0^6
sbit SEG7  =P0^7
sbit SEG8  =P1^0
sbit SEG9  =P1^1
sbit SEG10 =P1^2
sbit SEG11 =P1^3
sbit SEG12 =P1^4
sbit SEG13 =P1^5
sbit SEG14 =P1^6
sbit SEG15 =P1^7
sbit SEG16 =P2^0
sbit SEG17 =P2^1
sbit SEG18 =P2^2
sbit SEG19 =P2^3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com