Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89LE53RC Datasheet(PDF) 140 Page - List of Unclassifed Manufacturers

Part # STC89LE53RC
Description  STC12C5410AD
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STC89LE53RC Datasheet(HTML) 140 Page - List of Unclassifed Manufacturers

Back Button STC89LE53RC Datasheet HTML 136Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 137Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 138Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 139Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 140Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 141Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 142Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 143Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 144Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 149 page
background image
宏晶科技:www.MCU-Memory.com   Mobile:13922805190(姚永平)   Tel:0755-82948409    Fax: 0755-82944243
宏晶科技:专业单片机 / 存储器供应商   www.MCU-Memory.com   STC12C5410AD 系列 1T 8051 单片机中文指南
140
sbit SEG20 =P2^4
sbit SEG21 =P2^5
sbit SEG22 =P2^6
sbit SEG23 =P2^7
;******************************************************************************************
;======Interrupt===============================
       CSEG AT 0000H
       LJMP start
       CSEG AT 000BH
       LJMP int_t0
;======register===============================
lcdd_bit SEGMENT BIT
       RSEG lcdd_bit
       OutFlag:       DBIT 1          ;the output display reverse flag
lcdd_data SEGMENT DATA
      RSEG lcdd_data
      Com0Data0:     DS   1
      Com0Data1:     DS   1
      Com0Data2:     DS   1
      Com1Data0:     DS   1
      Com1Data1:     DS   1
      Com1Data2:     DS   1
      Com2Data0:     DS   1
      Com2Data1:     DS   1
      Com2Data2:     DS   1
      TimeS:         DS   1
;======Interrupt Code==========================
t0_int SEGMENT CODE
     RSEG  t0_int
     USING 1
;*****************************************************************
;Time0 interrupt
;ths system crystalloid is 22.1184MHz
;the time to get the Time0 interrupr is 2.5mS
;the whole duty is 2.5mS*6=15mS, including reverse
;*****************************************************************
int_t0:
    ORL  TL0,#00H
    MOV  TH0,#0EEH
    PUSH ACC
    PUSH PSW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com