Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89LE53RC Datasheet(PDF) 146 Page - List of Unclassifed Manufacturers

Part # STC89LE53RC
Description  STC12C5410AD
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STC89LE53RC Datasheet(HTML) 146 Page - List of Unclassifed Manufacturers

Back Button STC89LE53RC Datasheet HTML 141Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 142Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 143Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 144Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 145Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 146Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 147Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 148Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 149Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 146 / 149 page
background image
宏晶科技:www.MCU-Memory.com   Mobile:13922805190(姚永平)   Tel:0755-82948409    Fax: 0755-82944243
宏晶科技:专业单片机 / 存储器供应商   www.MCU-Memory.com   STC12C5410AD 系列 1T 8051 单片机中文指南
146
附录 H:
     STC 高性能 SRAM 选型一览表
 
STC62WV1024
A11     1                                                          32     OE
A14     11                                                          22     DQ1
A12   
    12                                                         21     DQ0
A7     13                                                          20      A0
A6     14                                                          19     A1
A5     15                                                         18      A2
A4     16                                                          17     A3
A16     10                                                          23     DQ2
NC      9                                                          24     GND
VCC      8                                                         25      DQ3
A15      7                                                         26      DQ4
CE2     6                                                         27      DQ5
WE      5                                                         28     DQ6
A13      4                                                         29     DQ7
A8      3                                                         30      CE1
A9     2                                                         31     A10
TSOP / STSOP-32
A14     11                                                          22     DQ1
A12      12                                                          21      
DQ0
A7     13                                                         20      A0
A6     14                                                          19     A1
A5     15                                                         18      A2
A4    16                                                          17      A3
 A11     1                                                          32     OE
A16     10                                                          23     DQ2
A9     2                                                          31     A10
A8     3                                                          30      CE
A13     4                                                          29     DQ7
WE     5                                                          28     DQ6
A17     6                                                          27      DQ5
VCC     8                                                         25     DQ3
A15     7                                                          26     DQ4
A18     9                                                          24     GND
 
STC62WV5128
STSOP-32
 
STC62WV1M8
DQ2      13                                  32      DQ5
DQ3      14                                   31      DQ4
NC      15                                    30      NC
NC      16                                    29     NC
A15      22                                   23      A14
A16      21                                   24      A13
A17      20                                   25      A12
A18      19                                   26      A11
A19      18                                   27      A10
WE      17                                    28      A9
GND      12                                    33      VCC
DQ1      10                                     35      DQ6
A1      4                                   41      OE
VCC      11                                    34      GND
TSOP- Ⅱ -44
A4      1                                    44      A5
A3      2                                   43      A6
A2      3                                    42      A7
A0      5                                    40      CE2
 CE1      6                                    39      A8
NC      7                                   38      NC
NC       8                                    37      NC
DQ0      9                                    36      DQ7
 
STC62WV25616
DQ4      13                                  32      DQ11
DQ5      14                                   31      DQ10
DQ6      15                                  30      DQ9
DQ7      16                                  29      DQ8
A13       22                                  23      A12
A14      21                                  24      A11
A15      20                                  25      A10
A16      19                                   26      A9
A17      18                                  27      A8
WE       17                                   28      NC
GND      12                                  33      VCC
DQ3      10                                    35      DQ12
A1      4                                   41      OE
VCC      11                                    34      GND
TSOP- Ⅱ -44
A4      1                                   44      A5
A3      2                                   43      A6
A2      3                                    42      A7
A0      5                                   40      UB
 CE      6                                   39      LB
DQ0      7                                   38      DQ15
DQ1      8                                    37      DQ14
DQ2      9                                    36      DQ13
 STC62WV12816
DQ4      13                                  32      DQ11
DQ5      14                                   31      DQ10
DQ6      15                                  30      DQ9
DQ7      16                                   29      DQ8
A12      22                                  23      NC
A13      21                                  24      A11
A14      20                                  25       A10
A15      19                                   
 26      A9
A16      18                                  27      A8
WE       17                                   28      NC
GND      12                                   33      VCC
DQ3      10                                    35      DQ12
A1      4                                   41      OE
VCC      11                                    
34      GND
TSOP- Ⅱ -44
A4      1                                    44      A5
A3      2                                   43      A6
A2      3                                   42       A7
A0      5                                    40      UB
 CE      6                                    39      LB
DQ0      7                                    38      DQ15
DQ1      8                                    37      DQ14
DQ2      9                                    
36      DQ13
 
STC62WV51216
DQ4      13                                  32      DQ11
DQ5      14                                  31      DQ10
DQ6      15                                  30      DQ9
DQ7      16                                  29      DQ8
A14      22                                   23      A13
A15      21                                  24      A12
A16       20                                  25      A11
A17      19                                   26      A10
A18      18                                   27      A9
WE       17                                   28      A8
VSS      12                                   33      VCC
DQ3      10                                    35      DQ12
A1      4                                   41      OE
VCC      11                                   34      VSS
TSOP- Ⅱ -44
A4      1                                   44      A5
A3      2                                    43      A6
A2      3                                   42      A7
A0      5                                   40      UB
 CE      6                                    39      LB
DQ0      7                                   38      DQ15
DQ1      8                                    37      DQ14
DQ2       9                                    36      DQ13
 
STC62WV1024
A7      5                     28      A13
A12      4                     29      WE
A14      3                      30      CE2
NC      1                     32      VCC
A3      9                      24       OE
A4      8                      25      A11
 A2      10                      23      A10
A1     
  11                     
 22      CE1
A0       
12                      21      DQ7
DQ0      13                     20       DQ6
DQ1      
14                     19      DQ5
DQ2      15                     18      DQ4
GND      16                     17      DQ3
A5      7                      26      A9
A16      2                     31      A15
A6      6                     27      A8
 SOP-32
型号
容量
工作电压
温度
速度
推荐封状
供货
STC62WV256
  32K x 8
2.4 - 5.5V -40℃~85℃ 70nS
SOP/TSOP/DIP
现货
STC62WV1024
128K x  8
2.4 - 5.5V -40℃~85℃ 70nS
SOP/STSOP/TSOP 现货
STC62WV2568
256K x  8
2.4 - 5.5V -40℃~85℃ 70nS
STSOP-32
现货
STC62WV5128
512K x  8
2.4 - 5.5V -40℃~85℃ 70nS
STSOP/SOP-32
现货
STC62WV1M8
   1M x  8
2.4 - 5.5V -40℃~85℃ 70nS
TSOP2-44
订货
STC62WV6416
 64K x  8
2.4 - 5.5V -40℃~85℃ 70nS
TSOP2-44
现货
STC62WV12816 128K x 16 2.4 - 5.5V -40℃~85℃ 70nS
TSOP2-44
现货
STC62LV12816 128K x 16 2.4 - 3.6V -40℃~85℃ 70nS
TSOP2-44
现货
STC62WV25616 256K x 16 2.4 - 5.5V -40℃~85℃ 70nS
TSOP2-44
现货
STC62WV51216 512K x 16 2.4 - 5.5V -40℃~85℃ 70nS
TSOP2-44
现货
 
STC62WV256
 SOP-28
DQ2      13                     16      DQ4
GND      14                     15      DQ3
DQ1      12                     17      DQ5
A0      10                      19      DQ7
A6      4                     25      A8
DQ0      11                     18      DQ6
A14      1                     28      VCC
A12      2                     27      WE
A7      3                     26      A13
A5      5                     24      A9
A4        6                     
23      A11
A3       7                     22      OE
A2      8                      
21      A10
A1      9                     20      CE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com