Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCA5190ACPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADCA5190ACPZ-R7
Description  5 MHz to 1800 MHz Broadband CATV Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCA5190ACPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADCA5190ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Data Sheet
ADCA5190
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 22
GENERAL DOWNSTREAM PERFORMANCE
See the application circuit in Figure 31. Supply voltage (VDD) = 8.0 V, supply current (IDD) = 375 mA, paddle temperature (TPADDLE) = 35 °C, and
source impedance (ZS) = load impedance (ZL) = 75 Ω, unless otherwise noted.
Table 1. Downstream Performance
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
BANDWIDTH
45
1800
MHz
POWER GAIN
S21
19.1
dB
f = 45 MHz
19.3
dB
f = 1218 MHz
19.1
dB
f = 1800 MHz
SLOPE OF STRAIGHT LINE1
0.2
dB
f = 45 MHz to 1218 MHz
0.0
dB
f = 45 MHz to 1800 MHz
FLATNESS OF FREQUENCY RESPONSE2
0.2
dB
f = 45 MHz to 1800 MHz
INPUT IMPEDANCE
ZIN
37.5
Ω
RFIP and RFIP
REVERSE ISOLATION
S12
−23.5
dB
f = 45 MHz to 1800 MHz
OUTPUT IMPEDANCE
ZOUT
37.5
Ω
RFOP and RFON
RETURN LOSS
Input
S11
−18
dB
f = 45 MHz to 1218 MHz
−20
dB
f = 1218 MHz to 1800 MHz
Output
S22
−17
dB
f = 45 MHz to 1218 MHz
−16
dB
f = 1218 MHz to 1800 MHz
NOISE FIGURE
Includes losses of baluns shown in the Downstream
Applications Circuit with Passive Biasing section
2.6
dB
f = 45 MHz
3.0
dB
f = 1218 MHz
4.1
dB
f = 1800 MHz
SUPPLY
Operating Voltage
VDD
5.0
8.0
V
Can be biased between 5.0 V and 8.0 V
DC Current
IDD
375
mA
Using the downstream applications circuit with passive
biasing, (VDD) = 8.0 V (see the Downstream Applications
Circuit with Passive Biasing section); can be adjusted
between 200 mA and 450 mA (see the Supply Voltage and
Bias Current section)
1 The slope is defined as the delta of the gain at the start frequency and the gain at the stop frequency.
2 Flatness is defined as the maximum deviation from a linear best-fit of the gain in the frequency range of operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com