Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCA5190ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADCA5190ACPZ-R7
Description  5 MHz to 1800 MHz Broadband CATV Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCA5190ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADCA5190ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADCA5190ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Data Sheet
ADCA5190
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 15 of 22
THERMAL CONSIDERATIONS
The ADCA5190 is packaged in a thermally efficient, 32-lead
LFCSP. The thermal resistance from junction to case, θJC , is
7.5°C/W, where the case is defined by the exposed pad on the
bottom of the package. For the best thermal performance, it is
recommended to add as many thermal vias as possible under the
exposed pad of the LFCSP and to fill these vias with a paste that
has high thermal conductivity. It is also recommended that the array
of vias under the ADCA5190 interface to an external heat sink such
as a pedestal on the system chassis.
SOLDERING INFORMATION AND
RECOMMENDED PCB LAND PATTERN
Figure 29 shows the recommended land pattern for the ADCA5190.
To minimize thermal impedance, the exposed pad on the 5 mm ×
5 mm LFCSP is soldered to a ground plane. To improve thermal
dissipation, 45 thermal vias are arranged in an array under the
exposed pad. The array consists of alternating rows of six vias and
seven vias, maximizing the number of vias within the area. The
area under the pad is also tied to ground on the bottom layer of the
PCB. If multiple ground layers exist, tie these layers together by the
vias. The external layer of the PCB must be a minimum of 1 oz.
copper. The minimum average plated hole wall thickness of the vias
must not be less than 0.001 inches, and it is recommended that the
vias be filled with a conductive paste, such as Tatsuta AE3030, and
plated over.
For further information on optimizing the thermal performance while
using the ADCA5190, refer to the AN-1604 Application Note, Ther-
mal Management Calculations for RF Amplifiers in LFCSP and
Flange Packages.
Figure 29. Recommended PCB Layout (Dimensions Shown in Inches)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com